Electronic Components Datasheet Search
  English  ▼

X  

ADE7752 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 4 Page - Analog Devices

  ADE7752 Datasheet HTML 1Page - Analog Devices ADE7752 Datasheet HTML 2Page - Analog Devices ADE7752 Datasheet HTML 3Page - Analog Devices ADE7752 Datasheet HTML 4Page - Analog Devices ADE7752 Datasheet HTML 5Page - Analog Devices ADE7752 Datasheet HTML 6Page - Analog Devices ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 4 of 24
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 10 MHz, TMIN to T
= –40°C to +85°C, unless otherwise noted
.
1, 2
MAX
Table 2.
Parameter
Conditions
Spec
Unit
t
F1 and F2 Pulse Width (Logic High).
275
ms
1
3
t
Output Pulse Period. See the Transfer Function section.
See Table 6.
sec
2
t
Time between F1 Falling Edge and F2 Falling Edge.
1/2 t
3
2
sec
t
CF Pulse Width (Logic High).
96
ms
4
3, 4
t
CF Pulse Period. See the Transfer Function and the Frequency Outputs sections.
See Table 7.
sec
5
5
t
Minimum Time Between the F1 and F2 Pulse.
CLKIN/4
sec
6
1 Sample tested during initial release and after any redesign or process change that may affect this parameter.
2 See Figure 2.
3 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Frequency Outputs section.
4 CF is not synchronous to F1 or F2 frequency outputs.
5 The CF pulse is always 1 μs in the high frequency mode.
F1
F2
CF
t1
t6
t2
t3
t4
t5
Figure 2. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com