Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG726 Datasheet HTML 4Page - Analog Devices ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices ADG726 Datasheet HTML 10Page - Analog Devices ADG726 Datasheet HTML 11Page - Analog Devices ADG726 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. 0
–12–
ADG726/ADG732
VSS
VSS
VDD
VDD
A4
A0
ADG732*
D
EN
GND
*SIMILAR CONNECTION FOR ADG726
CHANNEL-TO-CHANNEL CROSSTALK = 20LOG10 (VOUT/VS)
WR
S2
S32
50
VOUT
RL
50
VS
NETWORK
ANALYZER
CS
S1
50
Test Circuit 11. Channel-to-Channel Crosstalk
A4
A0
ADG732*
D
GND
*SIMILAR CONNECTION FOR ADG726
EN
50
VOUT
RL
50
VS
NETWORK
ANALYZER
VDD
VSS
0.1 F
0.1 F
S
VDD
VSS
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Test Circuit 12. Bandwidth
OUTLINE DIMENSIONS
48-Lead Frame Chip Scale Package [LFCSP]
(CP-48)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
BOTTOM
VIEW
5.25
4.70
2.25
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12 MAX
0.25
REF
0.70 MAX
0.65 NOM
1.00
0.90
0.80
5.50
REF
SEATING
PLANE
0.05 MAX
0.02 NOM
COPLANARITY
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
48-Lead Thin Plastic Quad Flatpack [TQFP]
(SU-48)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.5
BSC
7.00
BSC
SQ
0.27
0.22
0.17
9.00 BSC SQ
SEATING
PLANE
7
0
1.05
1.00
0.95
1.20 MAX
0.75
0.60
0.45
0.20
0.09
0
MIN
0.15
0.05
COPLANARITY
COMPLIANT TO JEDEC STANDARDS MS-026BBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com