Electronic Components Datasheet Search
  English  ▼

X  

ADL5310 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5310
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5310 Datasheet HTML 9Page - Analog Devices ADL5310 Datasheet HTML 10Page - Analog Devices ADL5310 Datasheet HTML 11Page - Analog Devices ADL5310 Datasheet HTML 12Page - Analog Devices ADL5310 Datasheet HTML 13Page - Analog Devices ADL5310 Datasheet HTML 14Page - Analog Devices ADL5310 Datasheet HTML 15Page - Analog Devices ADL5310 Datasheet HTML 16Page - Analog Devices ADL5310 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADL5310
Rev. A | Page 13 of 20
APPLICATIONS
TEMPERATURE
COMPENSATION
REFERENCE
GENERATOR
451
Ω
14.2k
Ω
80k
Ω
665k
Ω
665k
Ω
20k
Ω
1k
Ω
1nF
1k
Ω
1nF
2k
Ω
4.7nF
2k
Ω
4.7nF
1nF
6.69k
Ω
12k
Ω
8k
Ω
8k
Ω
CFLT2
10 nF
CFLT1
10 nF
COMM
COMM
VREF
VNEG
COMM
VREF
VRDZ
VPOS
VNEG
VSUM
INP2
IRF2
2.5V
0.5V
ILOG
IRF2
IRF1
OUT2
SCL2
BIN2
LOG2
VBIAS
TEMPERATURE
COMPENSATION
451
Ω
14.2k
Ω
6.69k
Ω
12k
Ω
COMM
5V
VNEG
VSUM
INP1
IRF1
ILOG
OUT1
VOUT1
VOUT2
SCL1
BIN1
LOG1
VBIAS
IPD1
IPD2
0.5log10(
)
IPD2
1nA
0.5log10(
)
IPD1
1nA
Figure 34. Basic Connections for Fixed Intercept Use
The ADL5310 is easy to use in optical supervisory systems
and in similar situations where a wide-ranging current is to
be converted to its logarithmic equivalent—that is, represented
in decibel terms. Basic connections for measuring a single
current at each input are shown in Figure 34, which also
includes various nonessential components, as explained next.
The 2 V difference in voltage between the VREF and Input Pins
INP1 and INP2, in conjunction with the external 665 kΩ resis-
tors RRF1 and RRF2, provides 3 µA reference currents IRF1 and IRF2
into Pins IRF1 and IRF2. Connecting VRDZ to VREF raises the
voltage at LOG1 and LOG2 by 0.8 V, effectively lowering each
intercept current IINTC by a factor of 104 to position it at 300 pA.
A wide range of other values for IREF, from 3 nA to 3 mA, may be
used. The effect of such changes is shown in Figure 5 and
Figure 8.
Any temperature variation in RRF1 (RRF2) must be taken into
account when estimating the stability of the intercept. Also, the
overall noise increases when using very low values of IRF1 (IRF2).
In fixed-intercept applications there is little benefit in using a
large reference current, because doing so only compresses the
low-current-end of the dynamic range when operated from a
single supply. The capacitor between VSUM and ground is
strongly recommended to minimize the noise on this node, to
reduce channel-to-channel crosstalk, and to help provide clean
reference currents.
In addition, each input and reference pin (INP1, INP2, IRF1,
and IRF2) has a compensation network made up of a series
resistor and capacitor. The junction capacitance of the photo-
diode along with the network capacitance of the board artwork
around the input system creates a pole that varies widely with
input current. The RC network stabilizes the system by simul-
taneously reducing this pole frequency and inserting a zero to
compensate an additional pole inherent in the input system. In
general, the 1 nF, 1 kΩ network handles almost any photodiode
interface. In situations where larger active area photodiodes are
used, or when long input traces are used, the capacitor value
may need to be increased to ensure stability. Although the signal
and reference input systems are similar, additional care is
required to ensure stable operation of the reference inputs at
temperature extremes across the full current range of IRF1 (IRF2).
It is recommended that filter components of 4.7 nF and 2 kΩ
should be used from Pin IRF1 (IRF2) to ground. Temperature-
stable components should always be used in critical locations
such as the compensation networks; Y5V-type chip capacitors
are to be avoided due to their poor temperature stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com