Electronic Components Datasheet Search
  English  ▼

X  

ADL5372 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5372
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5372 Datasheet HTML 9Page - Analog Devices ADL5372 Datasheet HTML 10Page - Analog Devices ADL5372 Datasheet HTML 11Page - Analog Devices ADL5372 Datasheet HTML 12Page - Analog Devices ADL5372 Datasheet HTML 13Page - Analog Devices ADL5372 Datasheet HTML 14Page - Analog Devices ADL5372 Datasheet HTML 15Page - Analog Devices ADL5372 Datasheet HTML 16Page - Analog Devices ADL5372 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5372
Rev. 0 | Page 13 of 24
OPTIMIZATION
The carrier feedthrough and sideband suppression performance
of the ADL5372 can be improved by using optimization
techniques.
Carrier Feedthrough Nulling
Carrier feedthrough results from minute dc offsets that occur
between each of the differential baseband inputs. In an ideal
modulator, the quantities (VIOPP − VIOPN) and (VQOPP − VQOPN)
are equal to zero, which results in no carrier feedthrough. In a real
modulator, those two quantities are nonzero; and, when mixed
with the LO, they result in a finite amount of carrier feedthrough.
The ADL5372 is designed to provide a minimal amount of carrier
feedthrough. Should even lower carrier feedthrough levels be
required, minor adjustments can be made to the (VIOPP − VIOPN)
and (VQOPP − VQOPN) offsets. The I-channel offset is held constant
while the Q-channel offset is varied until a minimum carrier
feedthrough level is obtained. The Q-channel offset required to
achieve this minimum is held constant, while the offset on the
I-channel is adjusted until a new minimum is reached. Through
two iterations of this process, the carrier feedthrough can be
reduced to as low as the output noise. The ability to null is
sometimes limited by the resolution of the offset adjustment.
Figure 26 shows the relationship of carrier feedthrough vs. dc
offset as null.
–60
–88
–84
–80
–76
–72
–68
–64
–300 –240 –180 –120 –60
0
60
120
180
240
300
VP – VN OFFSET (µV)
Figure 26. Carrier Feedthrough vs. DC Offset Voltage at 1900 MHz
Note that throughout the nulling process, the dc bias for the
baseband inputs remains at 500 mV. When no offset is applied
VIOPP = VIOPN = 500 mV, or
VIOPP − VIOPN = VIOS = 0 V
When an offset of +VIOS is applied to the I-channel inputs
VIOPP = 500 mV + VIOS/2, and
VIOPN = 500 mV − VIOS/2, such that
VIOPP − VIOPN = VIOS
The same applies to the Q channel.
It is often desirable to perform a one-time carrier null calibra-
tion. This is usually performed at a single frequency. Figure 27
shows how carrier feedthrough varies with LO frequency over a
range of ±50 MHz on either side of a null at 1900 MHz.
LO FREQUENCY (MHz)
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
1850 1860 1870 1880 1890 1900 1910 1920 1930 1940 1950
Figure 27. Carrier Feedthrough vs. Frequency After Nulling at 1900 MHz
Sideband Suppression Optimization
Sideband suppression results from relative gain and relative
phase offsets between the I-channel and Q-channel and can
be suppressed through adjustments to those two parameters.
Figure 28 illustrates how sideband suppression is affected by
the gain and phase imbalances.
0dB
0.0125dB
0.025dB
0.05dB
0.125dB
0.25dB
0.5dB
1.25dB
2.5dB
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.01
0.1
1
10
100
PHASE ERROR (Degrees)
Figure 28. Sideband Suppression vs. Quadrature Phase Error for
Various Quadrature Amplitude Offsets
Figure 28 underlines the fact that adjusting only one parameter
improves the sideband suppression only to a point, unless the
other parameter is also adjusted. For example, if the amplitude
offset is 0.25 dB, improving the phase imbalance better than 1°
does not yield any improvement in the sideband suppression. For
optimum sideband suppression, an iterative adjustment
between phase and amplitude is required.
The sideband suppression nulling can be performed either through
adjusting the gain for each channel or through the modification
of the phase and gain of the digital data coming from the digital
signal processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com