Electronic Components Datasheet Search
  English  ▼

X  

ADM101EARM Datasheet(PDF) 2 Page - Analog Devices

Part # ADM101EARM
Description  Craft PortTM Tiny RS-232 Transceiver for Portable Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM101EARM Datasheet(HTML) 2 Page - Analog Devices

  ADM101EARM Datasheet HTML 1Page - Analog Devices ADM101EARM Datasheet HTML 2Page - Analog Devices ADM101EARM Datasheet HTML 3Page - Analog Devices ADM101EARM Datasheet HTML 4Page - Analog Devices ADM101EARM Datasheet HTML 5Page - Analog Devices ADM101EARM Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REV. A
–2–
ADM101E–SPECIFICATIONS
(VCC = 5 V
10%, C1 = C2 = 0.1
F. All specifications TMIN to TMAX unless
otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Swing
±3.5
±4.2
V
VCC = 5 V
±5%, TOUT Loaded with 3 kΩ to GND
±3.25
±4.2
V
VCC = 5 V
±10%, TOUT Loaded with 3 kΩ to
GND
VCC Power Supply Current (Unloaded)
0.5
1
mA
No Load, TIN = VCC or GND
VCC Power Supply Current (Loaded)
1.85
2.5
mA
TOUT Loaded with 3 k
Ω to GND
VCC Power Supply Current (Shutdown)
1
µA
SD Input = VCC
Input Logic Threshold Low, VINL
0.8
V
Input Logic Threshold High, VINH
2.4
V
Input Leakage Current
±1
µA
RS-232 Input Voltage Range
–15
+15
V
RS-232 Input Threshold Low
0.8
2.2
V
RS-232 Input Threshold High
2.4
2.6
V
RS-232 Input Hysteresis
0.2
V
RS-232 Input Resistance
357k
Ω
TTL/CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
TTL/CMOS Output Voltage High, VOH
3.5
V
IOUT = –1.0 mA
Propagation Delay
0.25
µs
RS-232 to TTL
Instantaneous Slew Rate1
25
V/
µsC
L = 10 pF, RL = 3 k
Ω–7 kΩ, T
A = 25
°C
Transition Region Slew Rate
11
V/
µsRL = 3 kΩ, CL = 1000 pF
Measured from +3 V to –3 V or Vice Versa
Baud Rate
460
kB
RL = 3 k
Ω, C
L = 1 nF
Output Resistance
300
Ω
VCC = 0 V, VOUT =
±2 V
RS-232 Output Short Circuit Current
±25
±60
mA
NOTES
1Sample tested to ensure compliance.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
Input Voltages
Driver Input TIN . . . . . . . . . . . . . . –0.3 V to (VCC, +0.3 V)
Receiver Input RIN . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
Driver Output TOUT . . . . . . . (VCC, +0.3 V) to (V–, –0.3 V)
Receiver Output ROUT . . . . . . . . . . –0.3 V to (VCC +0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation
RM-10 (Derate 12 mW/
°C above 70°C) . . . . . . . . . 1488 mW
Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . . 135
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
ESD Rating (I-O Pins) . . . . . . . . . . . . . . . . . . . . . . . . . 15 kV
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM101EARM
–40
°C to +85°C µSOIC
RM-10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com