Electronic Components Datasheet Search
  English  ▼

X  

ADM1184 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1184
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1184 Datasheet HTML 4Page - Analog Devices ADM1184 Datasheet HTML 5Page - Analog Devices ADM1184 Datasheet HTML 6Page - Analog Devices ADM1184 Datasheet HTML 7Page - Analog Devices ADM1184 Datasheet HTML 8Page - Analog Devices ADM1184 Datasheet HTML 9Page - Analog Devices ADM1184 Datasheet HTML 10Page - Analog Devices ADM1184 Datasheet HTML 11Page - Analog Devices ADM1184 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM1184
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADM1184 is an integrated, 4-channel voltage-monitoring
device. A 2.7 V to 5.5 V power supply is required on the VCC pin
to power the device.
2.5V
3.3V
VCC = 2.7V TO 5.5V
1.8V
1.2V
OUT1
VIN1
OUT2
VIN2
OUT3
VIN3
VIN4
GND
PWRGD
POWER
GOOD
VCC
ADM1184
ENABLE
SIGNALS
Figure 16. Typical Applications Circuit
INPUT CONFIGURATION
Four precision comparators monitor four voltage rails.
Each comparator has a 0.6 V reference with a worst-case
accuracy of 0.8%. Resistor networks external to the VIN1,
VIN2, VIN3, and VIN4 pins set the trip points for the
monitored supply rails.
Typically, the threshold voltage at each of the four adjustable
inputs (that is, VIN1, VIN2, VIN3, and VIN4) is 0.6 V. To
monitor a voltage greater than 0.6 V, connect a resistor divider
network to the circuit as depicted in Figure 17.
VIN1
1.2kΩ
4.6kΩ
0.6V
TO LOGIC
CORE
ADM1184
3.3V
2.9V
0V
V
t
2.9V SUPPLY
GIVES 0.6V
AT VIN1 PIN
Figure 17. Setting the Undervoltage Threshold
In this example, the VIN1 pin monitors a 3.3 V supply. An
external resistor divider scales this voltage down for monitoring
at the VIN1 pin. The resistor ratio is chosen so that the VIN1
voltage is 0.6 V when the main voltage rises to the preferred level
at startup (a voltage below the nominal 3.3 V level). R1 is 4.6 kΩ
and R2 is 1.2 kΩ; therefore, a voltage level of 2.9 V corresponds
to 0.6 V on the noninverting input of the first comparator (see
Figure 17).
OUTPUT CONFIGURATION
The ADM1184 has four open-drain, active high outputs. Of
these outputs, OUT1 to OUT3 can be used to enable power
supplies, and PWRGD is a common power-good output.
Output OUT1 to Output OUT3 are dependent on their associated
input (that is, VIN1, VIN2, or VIN3). Before the voltage on a
VINx input reaches 0.6 V, the corresponding output is switched
to ground if there is 1 V on the VCC pin of the ADM1184. When
VINx detects 0.6 V, OUTx is asserted after a 30 μs (typical) delay.
When all four monitored supplies exceed 0.6 V, a system power-
good signal (PWRGD) is asserted. There is an internal 190 ms
(typical) delay associated with the assertion of the PWRGD
output. After PWRGD is asserted, if any of the four monitored
supplies drops below its programmed threshold, the corresponding
OUTx output and the PWRGD output are deasserted. If only
the supply monitored by VIN4 drops below its programmed
threshold, just the PWRGD output is deasserted.
The ADM1184 functional truth table is shown in Table 5. Note that
the functional operation described in Table 5 applies to the
operation both before and after the assertion of PWRGD.
Table 5. Functional Truth Table
VIN1
VIN2
VIN3
VIN4
OUT1
OUT2
OUT3
PWRGD
01
0
0
0
Low
Low
Low
Low
0
0
0
12
Low
Low
Low
Low
0
0
1
0
Low
Low
High
Low
0
0
1
1
Low
Low
High
Low
0
1
0
0
Low
High
Low
Low
0
1
0
1
Low
High
Low
Low
0
1
1
0
Low
High
High
Low
0
1
1
1
Low
High
High
Low
1
0
0
0
High
Low
Low
Low
1
0
0
1
High
Low
Low
Low
1
0
1
0
High
Low
High
Low
1
0
1
1
High
Low
High
Low
1
1
0
0
High
High
Low
Low
1
1
0
1
High
High
Low
Low
1
1
1
0
High
High
High
Low
1
1
1
1
High
High
High
High
1 <VTH = 0.
2 >VTH = 1.
Figure 18 and Figure 19 show waveforms that illustrate the
behavior of the ADM1184.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com