Electronic Components Datasheet Search
  English  ▼

X  

ADP3000AR Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3000AR
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000AR Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3000AR Datasheet HTML 8Page - Analog Devices ADP3000AR Datasheet HTML 9Page - Analog Devices ADP3000AR Datasheet HTML 10Page - Analog Devices ADP3000AR Datasheet HTML 11Page - Analog Devices ADP3000AR Datasheet HTML 12Page - Analog Devices ADP3000AR Datasheet HTML 13Page - Analog Devices ADP3000AR Datasheet HTML 14Page - Analog Devices ADP3000AR Datasheet HTML 15Page - Analog Devices ADP3000AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP3000
Rev. A | Page 14 of 16
+
ADP3000-5V
ILIM
VIN SW1
SENSE
SW2
GND
C1
47
µF
16V
240
Ω
L1
15
µH
VIN
5V
L1 = SUMIDA CR54-150
C1 = AVX TPS D476 M016R0150
C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 60%
+
D1
1N5817
C2
100
µF
10V
VOUT
–5V
100mA
3
8
4
5
1
2
Figure 33. 5 V to −5 V/100 mA Inverter
ADP3000
ILIM
VIN
SW1
FB
SET
A0
GND
100k
Ω
120
Ω
2.5V TO 4.2V
(SUMIDA – CDRH62)
+
1N5817
2N2907
100
µF
10V
AVX-TPS
SW2
+
1M
Ω
90k
Ω
100
µF
10V
AVX-TPS
330k
Ω
200k
Ω
1%
100k
Ω
10k
Ω
90k
Ω
33nF
6.8
µH
ADP3302AR1
VO1
VO2
IN2
SD
GND
IN1
348k
Ω
1%
1
µF
6V (MLC)
1
µF
6V (MLC)
3V
100mA
3V
100mA
Figure 34. 1 Cell Li-Ion to 3 V/200 mA Converter with Shut-Down at VIN ≤ 2.5 V
80
75
70
65
2.6
3.0
3.4
3.8
4.2
@ VIN ≤ 2.5V
SHDN IQ = 500
µA
IO = 100mA + 100mA
IO = 50mA + 50mA
VIN
(V)
Figure 35. Typical Efficiency of the Circuit of Figure 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com