Electronic Components Datasheet Search
  English  ▼

X  

MAX3244EEAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3244EEAI
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3244EEAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3244EEAI Datasheet HTML 1Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 2Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 3Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 4Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 5Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 6Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 7Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 8Page - Maxim Integrated Products MAX3244EEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
TIMING CHARACTERISTICS—MAX3224E/MAX3226E/MAX3244E
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS—MAX3225E/MAX3227E/MAX3245E
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: A transmitter/receiver edge is defined as a transition through the transmitter/receiver input logic thresholds.
Note 3: Transmitter skew is measured at the transmitter zero cross points.
CL = 150pF
to 1000pF
R_IN to R_OUT, CL = 150pF
RL = 3k
Ω, CL = 1000pF,
one transmitter switching
VCC = 3.3V, TA = +25°C,
RL = 3k
Ω to 7kΩ,
measured from +3V to -3V
or -3V to +3V, one trans-
mitter switching
Normal operation (MAX3244E only)
Normal operation (MAX3244E only)
(Note 3)
CONDITIONS
0.15
tPLH
µs
0.15
tPHL
kbps
250
Maximum Data Rate
Receiver Propagation Delay
V/µs
630
Transition-Region Slew Rate
ns
200
Receiver Output Enable Time
ns
200
Receiver Output Disable Time
ns
100
⏐ tPHL - tPLH ⏐
Transmitter Skew
ns
50
⏐ tPHL - tPLH ⏐
Receiver Skew
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 4.5V to 5.5V, RL = 3k
Ω,
CL = 1000pF, one transmitter switching
VCC = 3.0V to 4.5V, RL = 3k
Ω,
CL = 250pF, one transmitter switching
RL = 3k
Ω, CL = 1000pF,
one transmitter switching
VCC = 3.3V, TA = +25°C,
RL = 3k
Ω to 7kΩ, CL = 150pF to 1000pF,
measured from +3V to -3V or -3V to +3V,
one transmitter switching
(Note 3)
R_IN to R_OUT, CL = 150pF
Normal operation (MAX3245E only)
Normal operation (MAX3245E only)
CONDITIONS
1000
1000
kbps
250
Maximum Data Rate
V/µs
24
150
Transition-Region Slew Rate
ns
50
⏐ tPHL - tPLH ⏐
Receiver Skew
ns
25
⏐ tPHL - tPLH ⏐
Transmitter Skew
µs
0.15
tPHL
Receiver Propagation Delay
0.15
tPLH
ns
200
Receiver Output Enable Time
ns
200
Receiver Output Disable Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
4
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com