Electronic Components Datasheet Search
  English  ▼

X  

ADP5034 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5034
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034 Datasheet(HTML) 4 Page - Analog Devices

  ADP5034 Datasheet HTML 1Page - Analog Devices ADP5034 Datasheet HTML 2Page - Analog Devices ADP5034 Datasheet HTML 3Page - Analog Devices ADP5034 Datasheet HTML 4Page - Analog Devices ADP5034 Datasheet HTML 5Page - Analog Devices ADP5034 Datasheet HTML 6Page - Analog Devices ADP5034 Datasheet HTML 7Page - Analog Devices ADP5034 Datasheet HTML 8Page - Analog Devices ADP5034 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 4 of 28
BUCK1 AND BUCK2 SPECIFICATIONS
VAVIN = VIN1 = VIN2 = 2.3 V to 5.5 V; TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.1
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
ΔVOUT1/VOUT1,
ΔVOUT2/VOUT2
PWM mode; ILOAD1 = ILOAD2 = 0 mA
−1.8
+1.8
%
Line Regulation
(∆VOUT1/VOUT1)/∆VIN1,
(∆VOUT2/VOUT2)/∆VIN2
PWM mode
−0.05
%/V
Load Regulation
(∆VOUT1/VOUT1)/∆IOUT1,
(∆VOUT2/VOUT2)/∆IOUT2
ILOAD = 0 mA to 800 mA, PWM mode
−0.1
%/A
VOLTAGE FEEDBACK
VFB1, VFB2
Models with adjustable outputs
0.491
0.5
0.509
V
OPERATING SUPPLY CURRENT
MODE = ground
BUCK1 Only
IIN
ILOAD1 = 0 mA, device not switching, all other
channels disabled
44
μA
BUCK2 Only
IIN
ILOAD2 = 0 mA, device not switching, all other
channels disabled
55
μA
BUCK1 and BUCK2
IIN
ILOAD1 = ILOAD2 = 0 mA, device not switching,
LDO channels disabled
67
μA
PSM CURRENT THRESHOLD
IPSM
PSM to PWM operation
100
mA
SW CHARACTERISTICS
SW On Resistance
RNFET
VIN1 = VIN2 = 3.6 V
155
240
mΩ
RPFET
VIN1 = VIN2 = 3.6 V
205
310
mΩ
RNFET
VIN1 = VIN2 = 5.5 V
137
204
mΩ
RPFET
VIN1 = VIN2 = 5.5 V
162
243
mΩ
Current Limit
ILIMIT1, ILIMIT2
pFET switch peak current limit
1200
1550
1900
mA
ACTIVE PULL-DOWN
RPDWN-B
Channel disabled
75
Ω
OSCILLATOR FREQUENCY
fSW
2.5
3.0
3.5
MHz
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
LDO1 AND LDO2 SPECIFICATIONS
VIN3 = (VOUT3 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V, VIN4 = (VOUT4 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V; CIN = COUT =
1 µF; TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.1
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN3, VIN4
1.7
5.5
V
OPERATING SUPPLY CURRENT
Bias Current per LDO2
IVIN3BIAS/IVIN4BIAS
IOUT3 = IOUT4 = 0 µA
10
30
µA
IOUT3 = IOUT4 = 10 mA
60
100
µA
IOUT3 = IOUT4 = 300 mA
165
245
µA
Total System Input Current
IIN
Includes all current into AVIN, VIN1, VIN2, VIN3,
and VIN4
LDO1 or LDO2 Only
IOUT3 = IOUT4 = 0 µA, all other channels disabled
53
µA
LDO1 and LDO2 Only
IOUT3 = IOUT4 = 0 µA, buck channels disabled
74
µA
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
ΔVOUT3/VOUT3,
ΔVOUT4/VOUT4
100 µA < IOUT3 < 300 mA, 100 µA < IOUT4 < 300 mA
−1.8
+1.8
%
Line Regulation
(∆VOUT3/VOUT3)/∆VIN3,
(∆VOUT4/VOUT4)/∆VIN4
IOUT3 = IOUT4 = 1 mA
−0.03
+0.03
%/V
Load Regulation3
(∆VOUT3/VOUT3)/∆IOUT3,
(∆VOUT4/VOUT4)/∆IOUT4
IOUT3 = IOUT4 = 1 mA to 300 mA
0.001
0.003
%/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com