Electronic Components Datasheet Search
  English  ▼

X  

ADT6501 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT6501
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT6501 Datasheet HTML 7Page - Analog Devices ADT6501 Datasheet HTML 8Page - Analog Devices ADT6501 Datasheet HTML 9Page - Analog Devices ADT6501 Datasheet HTML 10Page - Analog Devices ADT6501 Datasheet HTML 11Page - Analog Devices ADT6501 Datasheet HTML 12Page - Analog Devices ADT6501 Datasheet HTML 13Page - Analog Devices ADT6501 Datasheet HTML 14Page - Analog Devices ADT6501 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 11 of 16
TYPICAL APPLICATION CIRCUITS
Figure 20. Microprocessor Alarm
Figure 21. Overtemperature Fan Control
Figure 22. Temperature Window Alarms
VCC
GND
GND
HYST
INT
TOVER
ADT6501
VCC
MICROPROCESSOR
GND
0.1µF
100kΩ
3.3V
VCC
GND
GND
HYST
TOVER
ADT6502
0.1µF
3.3V
12V
VCC
GND
GND
HYST
TUNDER
ADT6504
... N015
0.1µF
VCC
GND
GND
HYST
TOVER
ADT6502
... P075
0.1µF
3.3V
OVER TEMPERATURE
UNDER TEMPERATURE
OUT OF RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com