Electronic Components Datasheet Search
  English  ▼

X  

ADP3000ARU Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3000ARU
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000ARU Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3000ARU Datasheet HTML 8Page - Analog Devices ADP3000ARU Datasheet HTML 9Page - Analog Devices ADP3000ARU Datasheet HTML 10Page - Analog Devices ADP3000ARU Datasheet HTML 11Page - Analog Devices ADP3000ARU Datasheet HTML 12Page - Analog Devices ADP3000ARU Datasheet HTML 13Page - Analog Devices ADP3000ARU Datasheet HTML 14Page - Analog Devices ADP3000ARU Datasheet HTML 15Page - Analog Devices ADP3000ARU Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3000
Rev. A | Page 13 of 16
TYPICAL APPLICATION CIRCUITS
+
ADP3000-3.3V
ILIM
VIN
SW1
SENSE
SW2
GND
+
C1
100
µF
10V
120
Ω
L1
6.8
µH
IN5817
C2
100
µF
10V
VIN
2V TO 3.2V
VOUT
3.3V
180mA
L1 = SUMIDA CR43-6R8
C1, C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 75%
3
2
4
1
5
8
Figure 27. 2 V to 3.3 V/180 mA Step-Up Converter
+
ADP3000-5V
ILIM
VIN
SW1
SENSE
SW2
GND
+
C1
100
µF
10V
120
Ω
L1
6.8
µH
IN5817
C2
100
µF
10V
VIN
2V TO 3.2V
VOUT
5V
100mA
L1 = SUMIDA CR43-6R8
C1, C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 80%
3
2
4
1
5
8
Figure 28. 2 V to 5 V/100 mA Step-Up Converter
+
ADP3000-5V
ILIM
VIN
SW1
SENSE
SW2
GND
+
C1
100
µF
10V
120
Ω
L1
6.8
µH
IN5817
C2
100
µF
10V
VIN
2.7V TO 4.5V
VOUT
5V
150mA
L1 = SUMIDA CR43-6R8
C1, C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 80%
3
2
4
1
5
8
Figure 29. 2.7 V to 5 V/150 mA Step-Up Converter
+
ADP3000-12V
ILIM
VIN
SW1
SENSE
SW2
GND
+
C1
100
µF
10V
124
Ω
L1
15
µH
IN5817
C2
100
µF
16V
VIN
4.5V TO 5.5V
VOUT
12V
50mA
L1 = SUMIDA CR54-150
C1 = AVX TPS D107 M010R0100
C2 = AVX TPS D107 M016R0100
TYPICAL EFFICIENCY = 75%
3
2
4
1
5
8
Figure 30. 4.5 V to 12 V/50 mA Step-Up Converter
ADP3000-ADJ
ILIM
VIN SW1
FB
SW2
GND
C1
100
µF
10V
120
Ω
L1
10
µH
VIN
5V TO 6V
L1 = SUMIDA CR43-100
C1, C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 75%
+
D1
1N5817
C2
100
µF
10V
R2
150k
Ω
R1
110k
Ω
VOUT
3V
100mA
3
8
4
5
1
2
Figure 31. 5 V to 3 V/100 mA Step-Down Converter
ADP3000-5V
ILIM
VIN SW1
SENSE
SW2
GND
C1
33
µF
20V
250
Ω
L1
10
µH
VIN
10V TO 13V
L1: SUMIDA CR43-100
C1 = AVX TPS D336 M020R0200
C2 = AVX TPS D107 M010R0100
TYPICAL EFFICIENCY = 77%
+
D1
1N5817
C2
100
µF
10V
VOUT
5V
250mA
3
8
4
5
1
2
+
Figure 32. 10 V to 5 V/250 mA Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com