Electronic Components Datasheet Search
  English  ▼

X  

ADT6504 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT6504
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6504 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT6504 Datasheet HTML 8Page - Analog Devices ADT6504 Datasheet HTML 9Page - Analog Devices ADT6504 Datasheet HTML 10Page - Analog Devices ADT6504 Datasheet HTML 11Page - Analog Devices ADT6504 Datasheet HTML 12Page - Analog Devices ADT6504 Datasheet HTML 13Page - Analog Devices ADT6504 Datasheet HTML 14Page - Analog Devices ADT6504 Datasheet HTML 15Page - Analog Devices ADT6504 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Data Sheet
Rev. B | Page 14 of 16
Model1
Threshold
Temperature
Accuracy @
Threshold
Temperature
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADT6503SRJZP005RL7
+5°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2N
ADT6503SRJZP015RL7
+15°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2P
ADT6504SRJZN045RL7
−45°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2K
ADT6504SRJZN035RL7
−35°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2L
ADT6504SRJZN025RL7
−25°C
±6°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2Q
ADT6504SRJZN015RL7
−15°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2R
ADT6504SRJZN005RL7
−5°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2T
ADT6504SRJZP005RL7
+5°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2H
ADT6504SRJZP015RL7
+15°C
±4°C
−55°C to +125°C
5-Lead SOT-23
RJ-5
3,000
T2U
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com