Electronic Components Datasheet Search
  English  ▼

X  

OP07 Datasheet(PDF) 10 Page - Analog Devices

Part # OP07
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP07 Datasheet HTML 6Page - Analog Devices OP07 Datasheet HTML 7Page - Analog Devices OP07 Datasheet HTML 8Page - Analog Devices OP07 Datasheet HTML 9Page - Analog Devices OP07 Datasheet HTML 10Page - Analog Devices OP07 Datasheet HTML 11Page - Analog Devices OP07 Datasheet HTML 12Page - Analog Devices OP07 Datasheet HTML 13Page - Analog Devices OP07 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP07
Data Sheet
Rev. G | Page 10 of 16
1000
100
10
1
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
0
10
20
30
40
50
60
TA = 25°C
Figure 21. Power Consumption vs. Power Supply
35
30
25
20
15
TIME FROM OUTPUT BEING SHORTED (Minutes)
0
4
3
2
1
VS = ±15V
TA = 25°C
VIN (PIN 3) = +10mV, VO = –15V
VIN (PIN 3) = –10mV, VO = +15V
Figure 22. Output Short-Circuit Current vs. Time
85.00
42.50
63.75
21.25
0
TEMPERATURE (°C)
–75
125
100
75
50
25
0
–25
–50
VS = ±15V
RS = 100Ω
OP07C
OP07E
Figure 23. Untrimmed Offset Voltage vs. Temperature
30.0
15.0
22.5
7.5
0
TEMPERATURE (°C)
–100
–75
100
75
50
25
0
–25
–50
OP07C
OP07E
OP07E
OP07C
VOS TRIMMED TO < 5µV AT 25°C
NULLING POT = 20kΩ
Figure 24. Trimmed Offset Voltage vs. Temperature
16
–16
–12
–8
–4
0
4
8
12
TIME (Months)
0
12
11
10
9
8
7
6
5
4
3
2
1
0.3µV/MONTH
TREND LINE
0.3µV/MONTH
TREND LINE
0.3µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
0.2µV/MONTH
TREND LINE
Figure 25. Offset Voltage Drift vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com