Electronic Components Datasheet Search
  English  ▼

X  

OP249 Datasheet(PDF) 18 Page - Analog Devices

Part # OP249
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249 Datasheet(HTML) 18 Page - Analog Devices

Back Button OP249 Datasheet HTML 12Page - Analog Devices OP249 Datasheet HTML 13Page - Analog Devices OP249 Datasheet HTML 14Page - Analog Devices OP249 Datasheet HTML 15Page - Analog Devices OP249 Datasheet HTML 16Page - Analog Devices OP249 Datasheet HTML 17Page - Analog Devices OP249 Datasheet HTML 18Page - Analog Devices OP249 Datasheet HTML 19Page - Analog Devices OP249 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP249
Data Sheet
Rev. H | Page 18 of 20
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.310 (7.87)
0.220 (5.59)
0.005 (0.13)
MIN
0.055 (1.40)
MAX
0.100 (2.54) BSC
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
1
4
5
8
Figure 54. 8-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-8)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
OP249AZ
−55°C to +125°C
8-Lead CERDIP
Q-8
OP249FZ
−40°C to +85°C
8-Lead CERDIP
Q-8
OP249GP
−40°C to +85°C
8-Lead PDIP
N-8
OP249GPZ
−40°C to +85°C
8-Lead PDIP
N-8
OP249GS
−40°C to +85°C
8-Lead SOIC_N
R-8
OP249GS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
OP249GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
OP249GSZ
−40°C to +85°C
8-Lead SOIC_N
R-8
OP249GSZ-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
OP249GSZ-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
1
Z = RoHS Compliant Part.
For military processed devices, see the standard microcircuit drawings (SMD) available at www.dscc.dla.mil/programs/milspec/default.asp.
Table 7.
SMD Part Number
Analog Devices, Inc. Equivalent
5962-9151901M2A
OP249ARCMDA
5962-9151901MPA
OP249AZMDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com