Electronic Components Datasheet Search
  English  ▼

X  

MTP10N40 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP10N40
Description  TMOS POWER FET 10 AMPERES 400 VOLTS RDS(on) = 0.55 OHMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP10N40 Datasheet(HTML) 2 Page - Motorola, Inc

  MTP10N40 Datasheet HTML 1Page - Motorola, Inc MTP10N40 Datasheet HTML 2Page - Motorola, Inc MTP10N40 Datasheet HTML 3Page - Motorola, Inc MTP10N40 Datasheet HTML 4Page - Motorola, Inc MTP10N40 Datasheet HTML 5Page - Motorola, Inc MTP10N40 Datasheet HTML 6Page - Motorola, Inc MTP10N40 Datasheet HTML 7Page - Motorola, Inc MTP10N40 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP10N40E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0, ID = 0.25 mA)
V(BR)DSS
400
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 400 V, VGS = 0)
(VDS = 320 V, VGS = 0, TJ = 125°C)
IDSS
—
—
—
—
0.25
1.0
mAdc
Gate–Body Leakage Current — Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
—
—
100
nAdc
Gate–Body Leakage Current — Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
—
—
100
nAdc
ON CHARACTERISTICS*
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
(TJ = 125°C)
VGS(th)
2.0
1.5
—
—
4.0
3.5
Vdc
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 5.0 A)
RDS(on)
—
0.4
0.55
Ohms
Drain–to–Source On–Voltage (VGS = 10 Vdc)
(ID = 5.0 A)
(ID = 2.5 A, TJ = 100°C)
VDS(on)
—
—
—
—
6.0
4.75
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 5.0 A)
gFS
4.0
—
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Ciss
—
1570
—
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Coss
—
230
—
Transfer Capacitance
f = 1.0 MHz)
Crss
—
55
—
SWITCHING CHARACTERISTICS*
Turn–On Delay Time
(VDD = 200 V, ID ≈ 10 A,
RL = 20 Ω, RG = 9.1 Ω,
VGS(on) = 10 V)
td(on)
—
25
—
ns
Rise Time
(VDD = 200 V, ID ≈ 10 A,
RL = 20 Ω, RG = 9.1 Ω,
VGS(on) = 10 V)
tr
—
37
—
Turn–Off Delay Time
RL = 20 Ω, RG = 9.1 Ω,
VGS(on) = 10 V)
td(off)
—
75
—
Fall Time
GS(on) = 10 V)
tf
—
31
—
Total Gate Charge
(VDS = 320 V, ID = 10 A,
VGS = 10 V)
Qg
—
46
63
nC
Gate–Source Charge
(VDS = 320 V, ID = 10 A,
VGS = 10 V)
Qgs
—
10
—
Gate–Drain Charge
VGS = 10 V)
Qgd
—
23
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 10 A, di/dt = 100 A/µs)
VSD
—
—
2.0
Vdc
Forward Turn–On Time
(IS = 10 A, di/dt = 100 A/µs)
ton
—
**
—
ns
Reverse Recovery Time
trr
—
250
—
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
—
—
3.5
4.5
—
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
—
7.5
—
nH
* Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
** Limited by circuit inductance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com