Electronic Components Datasheet Search
  English  ▼

X  

RC0402 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # RC0402
Description  THICK-FILM CHIP RESISTOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC0402 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button RC0402 Datasheet HTML 9Page - Samsung semiconductor RC0402 Datasheet HTML 10Page - Samsung semiconductor RC0402 Datasheet HTML 11Page - Samsung semiconductor RC0402 Datasheet HTML 12Page - Samsung semiconductor RC0402 Datasheet HTML 13Page - Samsung semiconductor RC0402 Datasheet HTML 14Page - Samsung semiconductor RC0402 Datasheet HTML 15Page - Samsung semiconductor RC0402 Datasheet HTML 16Page - Samsung semiconductor RC0402 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
12
13
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
0 0 0
•The part number system shall be in the following format
RC: Chip Resistor
RP : Array
Code Designation
R C
2 0 1 2
J
Dimension & Size Code
Tolerance
0402: 0.4
×0.2(㎜) - 01005(inch)
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
102P: 1.0
×1.0(㎜) - 0404(inch)
104P: 2.0
×1.0(㎜) - 0804(inch)
164P: 3.2
×1.6(㎜) - 1206(inch)
J : Max 50
Ω
Jumer: 000
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
Power Derating Curve
Parts Numbering System
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1005, 1608, 2012, 3216, 3225, 5025, 6432>
<0402, 0603>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Jumper Resistors
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
Type
50m
Ωmax
Resistance
1.0 (A)
2.0 (A)
1.0 (A)
0.5 (A)
Current Rating
70
℃
Rated Ambient
Temperature
-55
℃ ~ +125℃
O
X
O
X
Rated Working
Temperature
Marking
1 ~ 1M
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RUW Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com