Electronic Components Datasheet Search
  English  ▼

X  

EVQP4KB3Q Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQP4KB3Q
Description  Light Touch Switches/EVQP4
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP4KB3Q Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQP4KB3Q Datasheet HTML 1Page - Panasonic Semiconductor EVQP4KB3Q Datasheet HTML 2Page - Panasonic Semiconductor EVQP4KB3Q Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQP4
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES111 –
1
2
P.W.B.
0.3 max.
6.0
±0.1
7.0
±0.1
5.8
±0.1
0.05 max.
R0.5
max.
3.1
±0.1
4.8
±0.1
2.7
±0.1
5.7
±0.1
6.2
+0.4
_0
1
2
Circuit diagram
PWB land pattern for reference
5.1
+0.1
_0
6.2
+0.4
_0
5.7
±0.1
2.7
±0.1
4.8
±0.1
2.6
3.1
±0.1
R0.5
max.0.05 max.
5.8
±0.1
7.0
±0.1
6.0
±0.1
0.3 max.
P.W.B.
1
2
Circuit diagram
PWB land pattern for reference
1
2
5.1
+0.1
_0
■ Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQP4HB3B2.5 N3.5 mm
Blue
1000000 cycles
EVQP4KB3Q3.5 N3.5 mm
Grey
500000 cycles
EVQP4MB3K5.0 N3.5 mm
Black200000 cycles
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQP40B3M
1.0 N
3.5 mm
Natural
1000000 cycles
EVQP42B3M1.6 N3.5 mm
Natural1000000 cycles
EVQP44B3M2.4 N3.5 mm
Natural500000 cycles
EVQP46B3M
3.5 N
3.5 mm
Natural
200000 cycles
No. 2
EVQP4
Middle push travel
EVQP4
Short push travel
✻ Height from surface of PCB : 1.35 mm
✻ Height from surface of PCB : 1.35 mm
Oct. 2012
00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com