Electronic Components Datasheet Search
  English  ▼

X  

RL201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL201
Description  GENERAL PURPOSE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RL201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL201 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended Attachment Materials
Conductive Epoxy (EPO TEK ® H20E, Ablebond ® 84‐1 LMI, etc.)
Solder (SN62, SN63, etc.)
1.
2.
3.
Cure according to the epoxy manufacturer's preferred schedule
     Typically 125°C to 150°C Max.
4.
Recommended Micro‐Strip Layout:
Attachment Method:
Description
Code
Termination
   Termination Finish and Recommended Attachment Methods
After curing, inspect the joing for epoxy shorts across the termination and 
microstrip gaps that would cause a short across the gap.
Isopropanol and Methanol are both safe to use to pre‐clean Milli‐Caps ® 
They are not to be used after mounting with conductive epoxy as they act as a solvent.
Recommended Attachment to Soft or Hard Substrate Using Conductive Epoxy:
Place a single drop of conductive epoxy onto each micro‐strip line as illustrated.  
The edge of the epoxy shall be at least 0.003"‐0.004" back from the edge of the 
trace to prevent filling the gap with epoxy.
Centering the termination gap of the capacitor within the gap in the micro‐strip, 
press with careful, even pressure onto the micro‐strip ensuring the terminations 
make good contact with the epoxy drops.
S
Ag Termination, minimum 50µ" Ni barrier layer, 7.5 ± 5µ" Au flash.  
Distance from Trace Edge:
.003” - .004”
Ideal Micro Strip Width:
.012” - .015”
Gap:
.008” - .010”
Epoxy Diameter:
.005 - .008”
Epoxy Thickness:
.003” - .005”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com