Electronic Components Datasheet Search
  English  ▼

X  

MAX44252ASD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44252ASD
Description  20V, Ultra-Precision, Low-Noise Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44252ASD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44252ASD Datasheet HTML 1Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 2Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 3Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 4Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 5Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 6Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 7Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 8Page - Maxim Integrated Products MAX44252ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Maxim Integrated
MAX44250/MAX44251/MAX44252
20V, Ultra-Precision, Low-Noise Op Amps
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 10V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 10kI to VDD/2, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
uNITS
Input Offset Voltage (MAX44251/
MAX44252)(Note 3)
VOS
TA = +25NC
3
6
F
V
-40NC < TA < +125NC
7
Input Offset Voltage Drift
(MAX44250) (Note 3)
TC VOS
5
26
nV/NC
Input Offset Voltage Drift
(MAX44251/MAX44252)(Note 3)
TC VOS
5
19
nV/NC
Input Bias Current (MAX44250)
(Note 3)
IB
TA = +25NC
200
1400
pA
Input Bias Current (MAX44251/
MAX44252)(Note 3)
IB
TA = +25NC
200
1300
pA
-40NC < TA < +125NC
2400
Input Offset Current (Note 3)
IOS
400
pA
Open-Loop Gain (Note 3)
AVOL
250mV P VOUT P
VDD - 250mV,
RL = 10kI to
VDD/2
TA = +25NC
145
154
dB
-40NC < TA <
+125NC
136
Output Short-Circuit Current
To VDD or VSS
Noncontinuous
96
mA
Output Voltage Low
(MAX44250)
VOL
VOUT - VSS
RL = 10kI to VDD/2
12
26
mV
RL = 2kI to VDD/2
45
92
Output Voltage Low
(MAX44251/MAX44252)
VOL
VOUT - VSS
RL = 10kI to VDD/2
12
25
mV
RL = 2kI to VDD/2
45
85
Output Voltage High
(MAX44250)
VOH
VDD - VOUT
RL = 10kI to VDD/2
18
40
mV
RL = 2kI to VDD/2
71
148
Output Voltage High
(MAX44251/MAX44252)
VOH
VDD - VOUT
RL = 10kI to VDD/2
18
37
mV
RL = 2kI to VDD/2
71
135
AC SPECIFICATIONS
Input Voltage-Noise Density
eN
f = 1kHz
5.9
nV/√Hz
Input Voltage Noise
0.1Hz < f < 10Hz
123
nVP-P
Input Current-Noise Density
iN
f = 1kHz
0.6
pA/√Hz
Input Capacitance
CIN
2
pF
Gain-Bandwidth Product
GBW
10
MHz
Phase Margin
PM
CL = 20pF
60
Degrees
Slew Rate
SR
AV = 1V/V, VOUT = 2VP-P
8
V/Fs
Capacitive Loading
CL
No sustained oscillation, AV = 1V/V
500
pF
Total Harmonic Distortion
THD
VOUT = 2VP-P,
AV = +1V/V,
RL = 10kI to
VDD/2
f = 1kHz
-124
dB
f = 20kHz
-119
Settling Time
To 0.01%, VOUT = 2V step, AV = -1V/V
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com