Electronic Components Datasheet Search
  English  ▼

X  

S5G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S5G
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S5G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S5G Datasheet HTML 1Page - List of Unclassifed Manufacturers S5G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S5A THRU S5M
RATINGS AND CHARACTERISTIC CURVES
0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE (°C)
T
Fig. 1 Forward Current Derating Curve
1.0
2.0
3.0
5.0
4.0
Resistive or
inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
20
40
0
1
1
100
Fig. 3 Forward Surge Current Derating Curve
NUMBER OF CYCLES AT 60 Hz
60
80
100
120
Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
1.0
10
0
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T - 25°C
j
I Pulse Width= 300 ms
F
1.2
1.6
2.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com