Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 12 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices OP77 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP77
Rev. E | Page 12 of 16
PRECISION CURRENT SINKS
V+
200
Ω
R1
1
Ω
1W
RL
IRF520
IO
VIN
OP77
IO =
VIN > 0V
FULL SCALE OF 1V.
IO = 1A/V
VIN
R1
Figure 31. Positive Current Sink
200
Ω
RL
R1
IRF520
IO
VIN
V–
OP77
IO =
VIN > 0V
VIN
R1
Figure 32. Positive Current Source
The simple high-current sinks, shown Figure 31 and Figure 32,
require the load to float between the power supply and the sink.
In these circuits, the high gain, high CMRR, and low TCVOS of
the OP77 ensure high accuracy.
The high gain and low TCVOS ensure accurate operation with
inputs from microvolts to volts. In Figure 33, the signal always
appears as a common-mode signal to the op amps. The
OP77EZ CMRR of 1 μV/V ensures errors of less than 2 ppm.
+15V
–15V
1k
Ω
1k
Ω
R3
2k
Ω
C1
30pF
D1
1N4148
7
6
4
2
3
0.1µF
0.1µF
2N4393
VIN
+15V
VOUT
0 < VOUT < 10V
D2
–15V
7
6
4
2
3
0.1µF
0.1µF
OP77E
OP77E
Figure 33. Precision Absolute Value Amplifier
100
Ω
VOUT
15V
0.1µF
OP77
100
Ω
100
Ω
10µF
6
4
REF-01
VO
2
6
4
REF-01
VO
2
6
4
REF-01
VO
2
+
Figure 34. Low Noise Precision Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com