Electronic Components Datasheet Search
  English  ▼

X  

OP400AY Datasheet(PDF) 13 Page - Analog Devices

Part # OP400AY
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400AY Datasheet(HTML) 13 Page - Analog Devices

Back Button OP400AY Datasheet HTML 8Page - Analog Devices OP400AY Datasheet HTML 9Page - Analog Devices OP400AY Datasheet HTML 10Page - Analog Devices OP400AY Datasheet HTML 11Page - Analog Devices OP400AY Datasheet HTML 12Page - Analog Devices OP400AY Datasheet HTML 13Page - Analog Devices OP400AY Datasheet HTML 14Page - Analog Devices OP400AY Datasheet HTML 15Page - Analog Devices OP400AY Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 13 of 16
MULTIPLE OUTPUT TRACKING VOLTAGE
REFERENCE
Figure 34 shows a circuit that provides outputs of 10 V, 7.5 V, 5 V,
and 2.5 V for use as a system voltage reference. Maximum
output current from each reference is 5 mA with load regulation
under 25 µV/mA. Line regulation is better than 15 µV/V,
and output voltage drift is under 20 µV/°C. Output voltage
noise from 0.1 Hz to 10 Hz is typically 75 µV p-p from the
10 V output and proportionately less from the 7.5 V, 5 V, and
2.5 V outputs.
7.5V
10V
5V
2.5V
10kΩ
10kΩ
10kΩ
10kΩ
15V
22kΩ
10kΩ
1N4002
10kΩ
10kΩ
2μF
1μF
1μF
4
2
6
REF 43
2.5V
REFERENCE
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
Figure 34. Multiple Output Tracking Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com