Electronic Components Datasheet Search
  English  ▼

X  

AD532KDZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD532KDZ
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532KDZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD532KDZ Datasheet HTML 9Page - Analog Devices AD532KDZ Datasheet HTML 10Page - Analog Devices AD532KDZ Datasheet HTML 11Page - Analog Devices AD532KDZ Datasheet HTML 12Page - Analog Devices AD532KDZ Datasheet HTML 13Page - Analog Devices AD532KDZ Datasheet HTML 14Page - Analog Devices AD532KDZ Datasheet HTML 15Page - Analog Devices AD532KDZ Datasheet HTML 16Page - Analog Devices AD532KDZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD532
Rev. D | Page 15 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD532JCHIPS
0°C to 70°C
Chip
AD532JD
0°C to 70°C
14-Lead SBDIP
D-14
AD532JDZ
0°C to 70°C
14-Lead SBDIP
D-14
AD532JH
0°C to 70°C
10-Pin Metal Header Package [TO-100]
H-10
AD532JHZ
0°C to 70°C
10-Pin Metal Header Package [TO-100]
H-10
AD532KD
0°C to 70°C
14-Lead SBDIP
D-14
AD532KDZ
0°C to 70°C
14-Lead SBDIP
D-14
AD532KH
0°C to 70°C
10-Pin Metal Header Package [TO-100]
H-10
AD532KHZ
0°C to 70°C
10-Pin Metal Header Package [TO-100]
H-10
AD532SCHIPS
−55°C to +125°C
Chip
AD532SD
−55°C to +125°C
14-Lead SBDIP
D-14
AD532SD/883B
−55°C to +125°C
14-Lead SBDIP
D-14
AD532SE/883B
−55°C to +125°C
20-Terminal LCC
E-20-1
AD532SH
−55°C to +125°C
10-Pin Metal Header Package [TO-100]
H-10
AD532SH/883B
−55°C to +125°C
10-Pin Metal Header Package [TO-100]
H-10
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com