Electronic Components Datasheet Search
  English  ▼

X  

AD589JRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD589JRZ
Description  2-Terminal IC 1.2 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD589JRZ Datasheet(HTML) 5 Page - Analog Devices

  AD589JRZ Datasheet HTML 1Page - Analog Devices AD589JRZ Datasheet HTML 2Page - Analog Devices AD589JRZ Datasheet HTML 3Page - Analog Devices AD589JRZ Datasheet HTML 4Page - Analog Devices AD589JRZ Datasheet HTML 5Page - Analog Devices AD589JRZ Datasheet HTML 6Page - Analog Devices AD589JRZ Datasheet HTML 7Page - Analog Devices AD589JRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD589
–5–
APPLICATION INFORMATION
The AD589 functions as a 2-terminal shunt-type regulator. It
provides a constant 1.23 V output for a wide range of input
current from 50 A to 5 mA. Figure 5 shows the simplest con-
figuration for an output voltage of 1.2 V or less. Note that no
frequency compensation is required. If additional filtering is
desired for ultralow noise applications, minimum recommended
capacitance is 1000 pF.
�����
����
����
��
�����
Figure 5. Basic Configuration for 1.2 V or Less
The AD589 can also be used as a building block to generate
other values of reference voltage. Figure 6 shows a circuit that
produces a buffered 10 V output.Total supply current for this
circuit is approximately 2 mA.
���
�
�
�
�
�
�
�
������
����
���
���
�����
���
������
�����
Figure 6. Single-Supply Buffered 10 V Reference
The low power operation of the AD589 makes it ideal for use in
battery-operated portable equipment. It is especially useful as a
reference for CMOS analog-to-digital converters. Figure 7 shows
the AD589 used in conjunction with two popular integrating type
CMOS ADCs.
�����
�����
�����
���
��
��
����
����
����
��� ���
a. With 7109 12-Bit Binary ADC
�����
�����
����
���
��
��
����
��� ��
��� ��
������
b. With 7107 Panel Meter ADC
Figure 7. AD589 Used as Reference for CMOS ADCs
The AD589 also is useful as a reference for CMOS multiplying
DACs, such as the AD7533. These DACs require a negative
reference voltage in order to provide a positive output range.
Figure 8 shows the AD589 used to supply an equivalent –1.0 V
reference to an AD7533.
�����
�
�
��
���
����
����
���
���
���
����
��
���
��
��
�
��
���
W
����
���� �
� �� �����
���
���
�
�
�
�
�
�
�
�
���
�
���
��
������ ������
������
Figure 8. AD589 as Reference for 10-Bit CMOS DAC
REV. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com