Electronic Components Datasheet Search
  English  ▼

X  

AD594ADZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD594ADZ
Description  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD594ADZ Datasheet(HTML) 5 Page - Analog Devices

  AD594ADZ Datasheet HTML 1Page - Analog Devices AD594ADZ Datasheet HTML 2Page - Analog Devices AD594ADZ Datasheet HTML 3Page - Analog Devices AD594ADZ Datasheet HTML 4Page - Analog Devices AD594ADZ Datasheet HTML 5Page - Analog Devices AD594ADZ Datasheet HTML 6Page - Analog Devices AD594ADZ Datasheet HTML 7Page - Analog Devices AD594ADZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD594/AD595
REV. C
–5–
The AD594/AD595 also includes an input open circuit detector
that switches on an alarm transistor. This transistor is actually a
current-limited output buffer, but can be used up to the limit as
a switch transistor for either pull-up or pull-down operation of
external alarms.
The ice point compensation network has voltages available with
positive and negative temperature coefficients. These voltages
may be used with external resistors to modify the ice point com-
pensation and recalibrate the AD594/AD595 as described in the
next column.
The feedback resistor is separately pinned out so that its value
can be padded with a series resistor, or replaced with an external
resistor between Pins 5 and 9. External availability of the feedback
resistor allows gain to be adjusted, and also permits the AD594/
AD595 to operate in a switching mode for setpoint operation.
CAUTIONS:
The temperature compensation terminals (+C and –C) at Pins 2
and 6 are provided to supply small calibration currents only. The
AD594/AD595 may be permanently damaged if they are
grounded or connected to a low impedance.
The AD594/AD595 is internally frequency compensated for feed-
back ratios (corresponding to normal signal gain) of 75 or more.
If a lower gain is desired, additional frequency compensation
should be added in the form of a 300 pF capacitor from Pin 10
to the output at Pin 9. As shown in Figure 5 an additional 0.01
µF
capacitor between Pins 10 and 11 is recommended.
AD594/
AD595
VO
COMP
+V
9
10
11
300pF
0.01 F
Figure 5. Low Gain Frequency Compensation
RECALIBRATION PRINCIPLES AND LIMITATIONS
The ice point compensation network of the AD594/AD595
produces a differential signal which is zero at 0
°C and corre-
sponds to the output of an ice referenced thermocouple at the
temperature of the chip. The positive TC output of the circuit is
proportional to Kelvin temperature and appears as a voltage at
+T. It is possible to decrease this signal by loading it with a
resistor from +T to COM, or increase it with a pull-up resistor
from +T to the larger positive TC voltage at +C. Note that
adjustments to +T should be made by measuring the voltage which
tracks it at –T. To avoid destabilizing the feedback amplifier the
measuring instrument should be isolated by a few thousand
ohms in series with the lead connected to –T.
AD594/
AD595
+IN
–IN
+T
COM
–T
FB
VO
9
1
14
8
3
4
5
Figure 6. Decreased Sensitivity Adjustment
Changing the positive TC half of the differential output of the
compensation scheme shifts the zero point away from 0
°C. The
zero can be restored by adjusting the current flow into the nega-
tive input of the feedback amplifier, the –T pin. A current into
this terminal can be produced with a resistor between –C and
–T to balance an increase in +T, or a resistor from –T to COM
to offset a decrease in +T.
If the compensation is adjusted substantially to accommodate a
different thermocouple type, its effect on the final output volt-
age will increase or decrease in proportion. To restore the
nominal output to 10 mV/
°C the gain may be adjusted to match
the new compensation and thermocouple input characteristics.
When reducing the compensation the resistance between –T
and COM automatically increases the gain to within 0.5% of the
correct value. If a smaller gain is required, however, the nominal
47 k
Ω internal feedback resistor can be paralleled or replaced
with an external resistor.
Fine calibration adjustments will require temperature response
measurements of individual devices to assure accuracy. Major
reconfigurations for other thermocouple types can be achieved
without seriously compromising initial calibration accuracy, so
long as the procedure is done at a fixed temperature using the
factory calibration as a reference. It should be noted that inter-
mediate recalibration conditions may require the use of a
negative supply.
EXAMPLE: TYPE E RECALIBRATION—AD594/AD595
Both the AD594 and AD595 can be configured to condition the
output of a type E (chromel-constantan) thermocouple. Tem-
perature characteristics of type E thermocouples differ less from
type J, than from type K, therefore the AD594 is preferred for
recalibration.
While maintaining the device at a constant temperature follow
the recalibration steps given here. First, measure the device
temperature by tying both inputs to common (or a selected
common-mode potential) and connecting FB to VO. The AD594
is now in the stand alone Celsius thermometer mode. For this
example assume the ambient is 24
°C and the initial output VO
is 240 mV. Check the output at VO to verify that it corresponds
to the temperature of the device.
Next, measure the voltage –T at Pin 5 with a high impedance
DVM (capacitance should be isolated by a few thousand ohms
of resistance at the measured terminals). At 24
°C the –T voltage
will be about 8.3 mV. To adjust the compensation of an AD594
to a type E thermocouple a resistor, R1, should be connected
between +T and +C, Pins 2 and 3, to raise the voltage at –T by
the ratio of thermocouple sensitivities. The ratio for converting a
type J device to a type E characteristic is:
r (AD594) =(60.9
µV/°C)/(51.7 µV/°C)= 1.18
Thus, multiply the initial voltage measured at –T by r and ex-
perimentally determine the R1 value required to raise –T to that
level. For the example the new –T voltage should be about 9.8 mV.
The resistance value should be approximately 1.8 k
Ω.
The zero differential point must now be shifted back to 0
°C.
This is accomplished by multiplying the original output voltage
VO by r and adjusting the measured output voltage to this value
by experimentally adding a resistor, R2, between –C and –T,
Pins 5 and 6. The target output value in this case should be
about 283 mV. The resistance value of R2 should be approxi-
mately 240 k
Ω.
Finally, the gain must be recalibrated such that the output VO
indicates the device’s temperature once again. Do this by adding
a third resistor, R3, between FB and –T, Pins 8 and 5. VO should
now be back to the initial 240 mV reading. The resistance value



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com