Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 12 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices AD626 Datasheet HTML 10Page - Analog Devices AD626 Datasheet HTML 11Page - Analog Devices AD626 Datasheet HTML 12Page - Analog Devices AD626 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD626
–11–
CURRENT SENSOR INTERFACE
A typical current sensing application, making use of the large
common-mode range of the AD626, is shown in Figure 9. The
current being measured is sensed across resistor RS. The value of
RS should be less than 1 k and should be selected so that the
average differential voltage across this resistor is typically 100 mV.
To produce a full-scale output of +4 V, a gain of 40 is used adjust-
able by ±20% to absorb the tolerance in the sense resistor. Note
that there is sufficient headroom to allow at least a 10% overrange
(to +4.4 V).
RG
RH
CF
OPTIONAL
LOW-PASS
FILTER
OUTPUT
+VS
CURRENT IN
CURRENT OUT
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 100
OUT
AD626
200k
200k
100k
ANALOG
GND
–VS
FILTER
1/6
+VS
0.1 F
–VS
RS
CURRENT
SENSOR
G = 2
G = 30
Figure 9. Current Sensor Interface
BRIDGE APPLICATION
Figure 10 shows the AD626 in a typical bridge application. Here,
the AD626 is set to operate at a gain of 100, using dual-supply
voltages and offering the option of low-pass filtering.
CF
OPTIONAL
LOW-PASS
FILTER
OUTPUT
+5V
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 100
OUT
AD626
200k
200k
100k
ANALOG
GND
–VS
FILTER
1/6
+VS
0.1 F
–5V
+VS
G = 30
G = 2
Figure 10. A Typical Bridge Application
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com