Electronic Components Datasheet Search
  English  ▼

X  

AD693BQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD693BQ
Description  Loop-Powered 4??0 mA Sensor Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD693BQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD693BQ Datasheet HTML 4Page - Analog Devices AD693BQ Datasheet HTML 5Page - Analog Devices AD693BQ Datasheet HTML 6Page - Analog Devices AD693BQ Datasheet HTML 7Page - Analog Devices AD693BQ Datasheet HTML 8Page - Analog Devices AD693BQ Datasheet HTML 9Page - Analog Devices AD693BQ Datasheet HTML 10Page - Analog Devices AD693BQ Datasheet HTML 11Page - Analog Devices AD693BQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD693
REV. A
–9–
Figure 15. Local Powered Operation with 0–20 mA Output
OPTIONAL INPUT FILTERING
Input filtering is recommended for all applications of the
AD693 due to its low input signal range. An RC filter network
at each input of the signal amplifier is sufficient, as shown in
Figure 16. In the case of a resistive signal source it may be
necessary only to add the capacitors, as shown in Figure 18.
The capacitors should be placed as close to the AD693 as
possible. The value of the filter resistors should be kept low to
minimize errors due to input bias current. Choose the 3 dB
point of the filter high enough so as not to compromise the
bandwidth of the desired signal. The RC time constant of the
filter should be matched to preserve the ac common-mode
rejection.
Figure 16. Optional Input Filtering
INTERFACING PLATINUM RTDS
The AD693 has been specially configured to accept inputs from
100
Ω Platinum RTDs (Resistance Temperature Detectors).
Referring to Figure 17, the RTD and the temperature stable
100
Ω resistor form a feedback network around the Auxiliary
Amplifier resulting in a noninverting gain of (1 + RT/100
Ω),
where RT is the temperature dependent resistance of the RTD.
The noninverting input of the Auxiliary Amplifier (Pin 2) is
then driven by the 75 mV signal from the Voltage Divider (Pin
4). When the RTD is at 0, its 100
Ω resistance results in an
amplifier gain of +2 causing VX to be 150 mV. The Signal
Amplifier compares this voltage to the 150 mV output (Pin 3) so
that zero differential signal results. As the temperature (and
therefore, the resistance) of the RTD increases, VX will likewise
increase according to the gain relationship. The difference
between this voltage and the zero degree value of 150 mV drives
the Signal Amp to modulate the loop current. The AD693 is
precalibrated such that the full 4-20mA output span corresponds
to a 0 to 104
°C range in the RTD. (This assumes the European
Standard of
α = 0.00385.) A total of 6 precalibrated ranges for
three-wire (or two-wire) RTDs are available using only the pin
strapping options as shown in Table I.
A variety of other temperature ranges can be realized by using
different application voltages. For example, loading the Voltage
Divider with a 1.5 k
Ω resistor from Pin 3 to Pin 6 (common)
will approximately halve the original application voltages and
allow for a doubling of the range of resistance (and therefore,
temperature) required to fill the two standard spans. Likewise,
Table I. Precalibrated Temperature
Range Options Using a European
Standard 100
Ω RTD and the AD693
Temperature
Range
Pin Connections
0 to + 104
°C
12 to 13
0 to +211
°C
12 to 13, and
15 to 16
+25
°C to +130°C 12 to 14
+51
°C to +266°C 12 to 14, and
15 to 16
–50
°C to +51°C
12 to 11
–100
°C to +104°C 12 to 11 and
15 to 16
Figure 17. 0-to-104
°C Direct Three-Wire 100 Ω RTD lnterface, 4-20mA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com