Electronic Components Datasheet Search
  English  ▼

X  

AD589SH Datasheet(PDF) 2 Page - Analog Devices

Part # AD589SH
Description  2-Terminal IC 1.2 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD589SH Datasheet(HTML) 2 Page - Analog Devices

  AD589SH Datasheet HTML 1Page - Analog Devices AD589SH Datasheet HTML 2Page - Analog Devices AD589SH Datasheet HTML 3Page - Analog Devices AD589SH Datasheet HTML 4Page - Analog Devices AD589SH Datasheet HTML 5Page - Analog Devices AD589SH Datasheet HTML 6Page - Analog Devices AD589SH Datasheet HTML 7Page - Analog Devices AD589SH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
AD589–SPECIFICATIONS (Typical@I
IN = 500 A and TA = 25C, unless otherwise noted.)
AD589JH/
Model
AD589JR
AD589KH
AD589LH
AD589MH
Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit
OUTPUT VOLTAGE,TA = 25°C
1.200 1.235 1.250
1.200 1.235 1.250
1.200 1.235 1.250
1.200 1.235 1.250
V
OUTPUT VOLTAGE CHANGE
VERSUS CURRENT
50 A to 5 mA
5
5
5
5
mV
DYNAMIC OUTPUT IMPEDANCE
0.6
2
0.6
2
0.6
2
0.6
2
RMS NOISE VOLTAGE
10 Hz < f < 10 kHz
5
5
5
5
V
TEMPERATURE COEFFICIENT1
100
50
25
10
ppm/°C
TURN-ON SETTLING TIME TO 0.1%
25
25
25
25
s
OPERATING CURRENT2
0.05
5
0.05
5
0.05
5
0.05
5
mA
OPERATING TEMPERATURE
0
70
0
70
0
70
0
70
°C
PACKAGE OPTION3
Metal Can (H-02A)
AD589JH
AD589KH
AD589LH
AD589MH
SOIC (R-8)
AD589JR
Model
AD589SH
AD589TH
Min Typ Max Min Typ Max Unit
OUTPUT VOLTAGE,TA = 25°C
1.200 1.235 1.250
1.200 1.235 1.250
V
OUTPUT VOLTAGE CHANGE
VERSUS CURRENT
50 A to 5 mA
5
5
mV
DYNAMIC OUTPUT IMPEDANCE
0.6
2
0.6
2
RMS NOISE VOLTAGE
10 Hz < f < 10 kHz
5
5
V
TEMPERATURE COEFFICIENT1
100
50
ppm/°C
TURN-ON SETTLING TIME TO 0.1%
25
25
s
OPERATING CURRENT2
0.05
5
0.05
5
mA
OPERATING TEMPERATURE
–55
+125
–55
+125
°C
PACKAGE OPTION3
Metal Can (H-02)
AD589SH
AD589TH
SOIC (R-8)
AD589JR
NOTES
1See the Voltage Variation versus Temperature section for explanation of temperature coefficient measurement method.
2Optimum performance is obtained at currents below 500 A. For current operation below 200 A, stray shunt capacitances should be limited to 20 pF or increased to
1 F. If strays cannot be avoided, operation at 500 A and a shunt capacitor of at least 1000 pF are recommended.
3H = Hermetic Metal Can; R = SOIC.
Specifications shown in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
REV. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com