Electronic Components Datasheet Search
  English  ▼

X  

AD768ARZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD768ARZ
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768ARZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD768ARZ Datasheet HTML 12Page - Analog Devices AD768ARZ Datasheet HTML 13Page - Analog Devices AD768ARZ Datasheet HTML 14Page - Analog Devices AD768ARZ Datasheet HTML 15Page - Analog Devices AD768ARZ Datasheet HTML 16Page - Analog Devices AD768ARZ Datasheet HTML 17Page - Analog Devices AD768ARZ Datasheet HTML 18Page - Analog Devices AD768ARZ Datasheet HTML 19Page - Analog Devices AD768ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. B
–16–
AD768
Table III. Summary of Jumper Functionality
Installed
Jumper Function
Jumper
JP1
Buffered Output A
JP2
50
Ω Transformer Output
JP3 (STBY)
Unbuffered Output A
JP4
Unbuffered Output B
JP5
Buffered Output B
Table IV. AD768-EB Parts List
Reference
Value / Part Type Package
Qty/Bd
U1
AD768
28-Pin SOIC
1
U2
AD811
8-Pin DIP
1
T1
Mini-Circuits
Not Installed
1
T4–6T
A, B, CLOCK
BNC JACKs,
Small, Vertical
3
Small
JP1–5
Header
2-Pin
5
SW1, 2
SPDT, Secme
0.1"
× 0.3"
2
J1
40-Pin IDC
R.A., Male,
1
Connector
w/ Latches
R1
500
Ω
1/4 W, 0.01%,
1
Vishay
R2
25
Ω
1/4 W, 0.01%,
1
Vishay
R3, R13–21, &
R23–29
Wire Jumpers
17
R5
500
Ω
1/4 W, 0.01%,
1
Vishay
R7
100
Ω
1/4 W, 0.01%,
1
Vishay
R11
51
Ω
1/8 W, 5%, Carbon
1
R12
10 k
Ω Pot.
3266 W
1
C1–4
1
µF Ceram. Cap. Leaded
4
C5–8, C10, 12,
0.1
µF Chip Cap,
14, & C16–19
1206
11
C9, 11, 13, 15
22
µF Tant. Cap., Teardrop,
4
25 V
0.1" Spacing
Clock Input
An external sample clock must be provided to either the BNC
connector labeled “CLOCK” or on Pin 33 of the IDC connec-
tor. This clock must comply with the logic levels outlined in the
AD768 data sheet. The “CLOCK” input is terminated with a
removable 51
Ω resistor. The IDC connector clock connection
is unterminated.
SW1. Clock source select switch. When SW1 is in position 1, Pin
33 of the IDC connected is applied to the CLOCK input of the
AD768. When SW2 is in position 2, the “CLOCK” BNC connec-
tor is applied to the CLOCK input of the AD768.
Digital Inputs
The digital inputs of the AD768, DB0–DB15, are available via
J1, a 40-pin IDC connector. These inputs should comply with
the specifications given in the AD768 data sheet.
Layout Considerations
Figures 28 and 29 show the AD768-EB ground and power
plane layouts. Figures 35–38 show the schematic diagram, trace
routing, silk screening, and component layout for the AD768 4
layer evaluation board.
Separate ground and power planes have several advantages for
high speed layouts. (For further information outlining these
advantages, see the application note “Design and Layout of a
Video Graphics System for Reduced EMI” [E1309] available
from Analog Devices [(617) 461-3392].) A solid ground plane
can be used if the digital return current can be routed such that
it does not modulate the analog ground plane. If this is not pos-
sible, it may be necessary to split the ground plane in order to
force currents to flow in a controlled direction. This type of
grounding scheme is shown in the Figure 28. The ground plane
is separated into analog and digital planes that are joined
together under the AD768. In any case, the AD768 should be
treated as an analog component and a common ground connec-
tion should be made underneath the AD768 despite some pins
being labeled “digital” ground and some as “analog” ground.
A complete parts list for the AD768 evaluation board is given in
Table IV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com