Electronic Components Datasheet Search
  English  ▼

X  

AD1851 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1851
Description  16-Bit/18-Bit, 16x3 FS PCM Audio DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1851 Datasheet(HTML) 4 Page - Analog Devices

  AD1851 Datasheet HTML 1Page - Analog Devices AD1851 Datasheet HTML 2Page - Analog Devices AD1851 Datasheet HTML 3Page - Analog Devices AD1851 Datasheet HTML 4Page - Analog Devices AD1851 Datasheet HTML 5Page - Analog Devices AD1851 Datasheet HTML 6Page - Analog Devices AD1851 Datasheet HTML 7Page - Analog Devices AD1851 Datasheet HTML 8Page - Analog Devices AD1851 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1851/AD1861
REV. A
–4–
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6.50 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6.50 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –6.50 V to 0 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VL
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Short Circuit . . . . . . . . . . . . . . . . . Indefinite Short to Ground
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . –60
°C to +100°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PIN DESCRIPTIONS
1–VS
Analog Negative Power Supply
2
DGND
Logic Ground
3VL
Logic Positive Power Supply
4
NC
No Connection
5
CLK
Clock Input
6
LE
Latch Enable Input
7
DATA
Serial Data Input
8
NC
No Internal Connection*
9VOUT
Voltage Output
10
RF
Feedback Resistor
11
SJ
Summing Junction
12
AGND
Analog Ground
13
IOUT
Current Output
14
MSB ADJ
MSB Adjustment Terminal
15
TRIM
MSB Trimming Potentiometer Terminal
16
VS
Analog Positive Power Supply
*Pin 8 has no internal connection; -VL from AD1856 or AD1860 socket can be
safely applied.
ORDERING GUIDE
Package
Model
Resolution
THD + N
Option*
AD1851N
16 Bits
0.008%
N-16
AD1851N-J
16 Bits
0.004%
N-16
AD1851R
16 Bits
0.008%
R-16
AD1851R-J
16 Bits
0.004%
R-16
AD1861N
18 Bits
0.008%
N-16
AD1861N-J
18 Bits
0.004%
N-16
AD1861R
18 Bits
0.008%
R-16
AD1861R-J
18 Bits
0.004%
R-16
*N = Plastic DIP Package; R = Small Outline (SOIC) Package.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electro-
static fields. Unused devices must be stored in conductive foam or shunts. The protective foam
should be discharged to the destination socket before devices are inserted .
WARNING!
ESD SENSITIVE DEVICE
Typical Performance
175
150
125
100
75
50
25
2
4
6
8
10
12
14
CLOCK FREQUENCY – MHz
Power Dissipation vs. Clock Frequency
10
1
0.1
0.01
0.001
–30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE –
°C
–60dB
–20dB
0dB
THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com