Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5065 Datasheet HTML 20Page - Analog Devices AD5065 Datasheet HTML 21Page - Analog Devices AD5065 Datasheet HTML 22Page - Analog Devices AD5065 Datasheet HTML 23Page - Analog Devices AD5065 Datasheet HTML 24Page - Analog Devices AD5065 Datasheet HTML 25Page - Analog Devices AD5065 Datasheet HTML 26Page - Analog Devices AD5065 Datasheet HTML 27Page - Analog Devices AD5065 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 28 of 28
ORDERING GUIDE
Model1
Temperature Range
Accuracy
Resolution
Package Description
Package Option
AD5064ARUZ-1
−40°C to +125°C
±4 LSB INL
16 Bits
14-lead TSSOP
RU-14
AD5064ARUZ-1REEL7
−40°C to +125°C
±4 LSB INL
16 Bits
14-lead TSSOP
RU-14
AD5064BRUZ-1
−40°C to +125°C
±1 LSB INL
16 Bits
14-lead TSSOP
RU-14
AD5064BRUZ-1REEL7
−40°C to +125°C
±1 LSB INL
16 Bits
14-lead TSSOP
RU-14
AD5064BRUZ
−40°C to +125°C
±1 LSB INL
16 Bits
16-Lead TSSOP
RU-16
AD5064BRUZ-REEL7
−40°C to +125°C
±1 LSB INL
16 Bits
16-Lead TSSOP
RU-16
AD5044BRUZ
−40°C to +125°C
±1 LSB INL
14 Bits
16-Lead TSSOP
RU-16
AD5044BRUZ-REEL7
−40°C to +125°C
±1 LSB INL
14 Bits
16-Lead TSSOP
RU-16
AD5024BRUZ
−40°C to +125°C
±0.5 LSB INL
12 Bits
16-Lead TSSOP
RU-16
AD5024BRUZ-REEL7
−40°C to +125°C
±0.5 LSB INL
12 Bits
16-Lead TSSOP
RU-16
EVAL-AD5064-1EBZ
14-Lead TSSOP Evaluation Board
EVAL-AD5064EBZ
16-Lead TSSOP Evaluation Board
1
Z = RoHS Compliant Part.
©2008–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06803-0-6/13(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com