Electronic Components Datasheet Search
  English  ▼

X  

AD50651 Datasheet(PDF) 17 Page - Analog Devices

Part # AD50651
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD50651 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD50651 Datasheet HTML 13Page - Analog Devices AD50651 Datasheet HTML 14Page - Analog Devices AD50651 Datasheet HTML 15Page - Analog Devices AD50651 Datasheet HTML 16Page - Analog Devices AD50651 Datasheet HTML 17Page - Analog Devices AD50651 Datasheet HTML 18Page - Analog Devices AD50651 Datasheet HTML 19Page - Analog Devices AD50651 Datasheet HTML 20Page - Analog Devices AD50651 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5066
Rev. A | Page 17 of 24
POWER-ON RESET
The AD5066 contains a power-on reset circuit that controls
the output voltage during power-up. By connecting the POR
pin low, the AD5066 output powers up to 0 V; by connecting
the POR pin high, the AD5066 output powers up to midscale.
The output remains powered up at this level until a valid write
sequence is made to the DAC. This is useful in applications
where it is important to know the state of the output of the DAC
while it is in the process of powering up. There is also a software
executable reset function that resets the DAC to the power-on
reset code. Command 0111 is reserved for this reset function
(see Table 7). Any events on LDAC or CLR during power-on
reset are ignored.
Table 10. 32-Bit Input Shift Register Contents for Power-Up/Power-Down Function
MSB
LSB
DB31 to
DB28
DB27
DB26
DB25
DB24
DB23 to
DB20
DB10 to
DB19
DB9
DB8
DB4 to
DB7
DB3
DB2
DB1
DB0
X
0
1
0
0
X
X
PD1
PD0
X
DAC D
DAC C
DAC B
DAC A
Don’t
cares
Command bits (C2 to C0)
Address bits
(A3 to A0)—
don’t cares
Don’t
cares
Power-down
mode
Don’t
cares
Power-down/power-up channel
selection—set bit to 1 to select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com