Electronic Components Datasheet Search
  English  ▼

X  

AD50601 Datasheet(PDF) 3 Page - Analog Devices

Part # AD50601
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD50601 Datasheet(HTML) 3 Page - Analog Devices

  AD50601 Datasheet HTML 1Page - Analog Devices AD50601 Datasheet HTML 2Page - Analog Devices AD50601 Datasheet HTML 3Page - Analog Devices AD50601 Datasheet HTML 4Page - Analog Devices AD50601 Datasheet HTML 5Page - Analog Devices AD50601 Datasheet HTML 6Page - Analog Devices AD50601 Datasheet HTML 7Page - Analog Devices AD50601 Datasheet HTML 8Page - Analog Devices AD50601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5066
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, 2.0 V ≤ VREFA, VREFB, VREFC, VREFD ≤ VDD − 0.4 V, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Grade1
B Grade1
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
STATIC PERFORMANCE2
Resolution
16
16
Bits
Relative Accuracy (INL)
±0.5
±4
±0.5
±1
LSB
TA = −40°C to +105°C
±0.5
±4
±0.5
±2
TA = −40°C to +125°C
Differential Nonlinearity (DNL)
±0.2
±1
±0.2
±1
LSB
Total Unadjusted Error (TUE)
±0.1
±0.8
±0.1
±0.8
mV
VDD = 2.7 V, VREF = 2 V
Zero-Code Error
0.05
0.1
0.05
0.1
mV
All 0s loaded to the DAC register
Zero-Code Error Drift3
±0.5
±0.5
µV/°C
Full-Scale Error
±0.01
±0.05
±0.01
±0.05
% FSR
All 1s loaded to the DAC register
Gain Error
±0.005
±0.05
±0.005
±0.05
% FSR
Gain Error Drift3
±0.5
±0.5
ppm
ppm of FSR/°C
DC Crosstalk3
1
5
1
5
μV
Due to single-channel full-scale
output change
5
25
5
25
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
0
VREF
V
DC Output Impedance (Normal
Mode)
8
8
kΩ
Output impedance tolerance ± 10%
DC Output Impedance
DAC in power-down mode
Output Connected to 100 kΩ
Network
100
100
kΩ
Output impedance tolerance ± 20 kΩ
Output Connected to 1 kΩ
Network
1
1
kΩ
Output impedance tolerance ± 400 Ω
Power-Up Time4
2.9
2.9
µs
DC PSRR
−120
−120
dB
VDD ± 10%, DAC = full scale
REFERENCE INPUTS
Reference Input Range
2
VDD− 0.4
2
VDD − 0.4
V
Reference Current
0.002
±1
0.002
±1
µA
Per DAC channel
Reference Input Impedance
40
40
MΩ
Per DAC channel
LOGIC INPUTS3
Input Current5
±1
±1
µA
Input Low Voltage, VINL
0.8
0.8
V
Input High Voltage, VINH
2.2
2.2
V
Pin Capacitance
4
4
pF
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 V or VDD
DAC active, excludes load current
IDD
VIH = VDD and VIL = GND
Normal Mode6
2.5
3
2.5
3
mA
All Power-Down Modes7
0.4
0.4
µA
1 Temperature range is −40°C to +125°C, typical at 25°C.
2 Linearity calculated using a code range of 0 to 65,535; output unloaded.
3 Guaranteed by design and characterization; not production tested.
4 Time taken to exit power-down mode and enter normal mode, 32nd clock edge to 90% of DAC midscale value, output unloaded.
5 Current flowing into individual digital pins. VDD= 5.5 V; VREF= 4.096 V; Code = midscale.
6 Interface inactive. All DACs active. DAC outputs unloaded.
7 All four DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com