Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5064EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD5064EBZ
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5064EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5064EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
150°C
TSSOP Package
Power Dissipation
(TJ MAX − TA)/θJA
θJA Thermal Impedance
113°C/W
Reflow Soldering Peak Temperature
Pb-Free
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com