Electronic Components Datasheet Search
  English  ▼

X  

AD5232 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5232 Datasheet HTML 4Page - Analog Devices AD5232 Datasheet HTML 5Page - Analog Devices AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices AD5232 Datasheet HTML 10Page - Analog Devices AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
SDI
SDO
GND
W1
A1
VSS
CLK
B1
16
15
14
13
12
11
10
9
CS
PR
WP
W2
B2
A2
VDD
RDY
AD5232
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CLK
Serial Input Register Clock. Shifts in one bit at a time on positive clock edges.
2
SDI
Serial Data Input. The MSB is loaded first.
3
SDO
Serial Data Output. This open-drain output requires an external pull-up resistor. Command Instruction 9 and Command
Instruction 10 activate the SDO output (see Table 8). Other commands shift out the previously loaded SDI bit pattern
delayed by 16 clock pulses, allowing daisy-chain operation of multiple packages.
4
GND
Ground, Logic Ground Reference.
5
VSS
Negative Power Supply. Connect to 0 V for single-supply applications.
6
A1
Terminal A of RDAC1.
7
W1
Wiper Terminal W of RDAC1, ADDR (RDAC1) = 0x0.
8
B1
Terminal B of RDAC1.
9
B2
Terminal B of RDAC2.
10
W2
Wiper Terminal W of RDAC2, ADDR (RDAC2) = 0x1.
11
A2
Terminal A of RDAC2.
12
VDD
Positive Power Supply.
13
WP
Write Protect. When active low, WP prevents any changes to the present register contents, except PR, Command
Instruction 1, and Command Instruction 8, which refresh the RDACx register from EEMEM. Execute an NOP instruction
(Command Instruction 0) before returning WP to logic high.
14
PR
Hardware Override Preset. Refreshes the scratch pad register with current contents of the EEMEMx register. Factory
default loads Midscale 0x80 until EEMEMx is loaded with a new value by the user (PR is activated at the logic high
transition).
15
CS
Serial Register Chip Select, Active Low. Serial register operation takes place when CS returns to logic high.
16
RDY
Ready. This active-high, open-drain output requires a pull-up resistor. Identifies completion of Command Instruction 2,
Command Instruction 3, Command Instruction 8, Command Instruction 9, Command Instruction 10, and PR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com