Electronic Components Datasheet Search
  English  ▼

X  

AD5520JST Datasheet(PDF) 13 Page - Analog Devices

Part # AD5520JST
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5520JST Datasheet HTML 9Page - Analog Devices AD5520JST Datasheet HTML 10Page - Analog Devices AD5520JST Datasheet HTML 11Page - Analog Devices AD5520JST Datasheet HTML 12Page - Analog Devices AD5520JST Datasheet HTML 13Page - Analog Devices AD5520JST Datasheet HTML 14Page - Analog Devices AD5520JST Datasheet HTML 15Page - Analog Devices AD5520JST Datasheet HTML 16Page - Analog Devices AD5520JST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5520
Rev. B | Page 13 of 24
THEORY OF OPERATION
The AD5520 is a single-channel per pin parametric measure-
ment unit (PPMU) for use in semiconductor automatic test
equipment. It contains programmable modes to force a pin
voltage and measure the corresponding current (FVMI), force
current measure voltage (FIMV), force current measure current
(FIMI), force voltage measure voltage (FVMV), and force
nothing measure voltage (FNMV). The PPMU can force or
measure a voltage from −11 V to +11 V. It can force or measure
currents up to 6 mA using the internal amplifier, while the
addition of an external amplifier enables higher current ranges.
External resistors allow users to choose the optimum ranges for
their needs.
The device provides a force sense capability to ensure accuracy
at the tester pin. A guard output is also available to drive the
shield of a force/sense pair.
The AD5520 has an on-board window comparator that
provides two bits of useful information, DUT too low or too
high. Also provided on the chip is clamp circuitry that flags via
CLHDETECT and CLLDETECT if the voltage applied to FIN
or across the DUT exceeds the voltage applied to CLL and CLH.
On-chip is clamp circuitry that clamps the output of the force
amplifier if the voltage at MEASIOUT and MEASVOUT
exceeds CLL or CLH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com