Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7475ARZ
Description  1MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7475ARZ Datasheet HTML 8Page - Analog Devices AD7475ARZ Datasheet HTML 9Page - Analog Devices AD7475ARZ Datasheet HTML 10Page - Analog Devices AD7475ARZ Datasheet HTML 11Page - Analog Devices AD7475ARZ Datasheet HTML 12Page - Analog Devices AD7475ARZ Datasheet HTML 13Page - Analog Devices AD7475ARZ Datasheet HTML 14Page - Analog Devices AD7475ARZ Datasheet HTML 15Page - Analog Devices AD7475ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7475/AD7495
Rev. B | Page 12 of 24
TYPICAL PERFORMANCE CURVES
Figure 7 shows a typical FFT plot for the AD7475 at a 1 MHz
sample rate and a 100 kHz input frequency.
FREQUENCY (kHz)
–115
0
50
100
150
200
250
300
–95
–75
–55
–35
350
400
500
450
–15
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 70.46dB
THD = –87.7dB
SFDR = –89.5dB
Figure 7. AD7475 Dynamic Performance
Figure 8 shows a typical FFT plot for the AD7495 at a 1 MHz
sample rate and a 100 kHz input frequency.
FREQUENCY (kHz)
–115
0
50
100
150
200
250
300
–95
–75
–55
–35
350
400
500
450
–15
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 69.95dB
THD = –89.2dB
SFDR = –91.2dB
Figure 8. AD7495 Dynamic Performance
Figure 9 shows the SINAD performance vs. input frequency for
various supply voltages while sampling at 1 MSPS with an SCLK
of 20 MHz.
INPUT FREQUENCY (kHz)
68.5
10
100
69.0
69.5
70.0
70.5
1000
71.0
VDD = VDRIVE = 5.25V
VDD = VDRIVE = 3.60V
VDD = VDRIVE = 2.70V
VDD = VDRIVE = 4.75V
Figure 9. AD7495 SINAD vs. Input Frequency at 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com