Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD7475ARM
Description  1MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7475ARM Datasheet HTML 14Page - Analog Devices AD7475ARM Datasheet HTML 15Page - Analog Devices AD7475ARM Datasheet HTML 16Page - Analog Devices AD7475ARM Datasheet HTML 17Page - Analog Devices AD7475ARM Datasheet HTML 18Page - Analog Devices AD7475ARM Datasheet HTML 19Page - Analog Devices AD7475ARM Datasheet HTML 20Page - Analog Devices AD7475ARM Datasheet HTML 21Page - Analog Devices AD7475ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7475/AD7495
Rev. B | Page 18 of 24
Full power-down is entered in a way similar to partial power-
down, except the timing sequence shown in Figure 20 must be
executed twice. The conversion process must be interrupted in a
similar fashion by bringing CS high anywhere after the second
falling edge of SCLK and before the tenth falling edge of SCLK.
The device enters partial power-down at this point. To reach
full power-down, the next conversion cycle must be interrupted
in the same way, as shown in Figure 22. Once CS has been
brought high in this window of SCLKs, then the part powers
down completely.
Note that it is not necessary to complete the 16 SCLKs once CS
has been brought high to enter a power-down mode.
To exit full power-down, and power up the AD7475/AD7495
again, a dummy conversion is performed as when powering up
from partial power-down. On the falling edge of CS, the device
begins to power up and continues to power up as long as CS is
held low until after the falling edge of the tenth SCLK. The
power-up time is longer than one dummy conversion cycle
however, and this time, tPOWER-UP, must elapse before a
conversion can be initiated, as shown in Figure 23. See the
Timing Specifications section for more information.
When power supplies are first applied to the AD7475/AD7495,
the ADC may power up in either of the power-down modes
or normal mode. Because of this, it is best to allow a dummy
cycle to elapse to ensure the part is fully powered up before
attempting a valid conversion. Likewise, if the intent is to keep
the part in partial power-down mode immediately after the
supplies are applied, then two dummy cycles must be initiated.
The first dummy cycle must hold CS low until after the tenth
SCLK falling edge, as shown in Figure 19. In the second cycle,
CS must be brought high before the tenth SCLK edge, but
after the second SCLK falling edge, as shown in Figure 20.
Alternatively, if the intent is to place the part in full power-
down mode when the supplies have been applied, then three
dummy cycles must be initiated. The first dummy cycle must
hold CS low until after the tenth SCLK edge, as shown in
Figure 19; the second and third dummy cycle place the part in
full power-down, as shown in Figure 22. (See the Operating
Modes section.) Once supplies are applied to the AD7475,
enough time must be allowed for the external reference to
power up and charge the reference capacitor to its final value.
For the AD7495, enough time should be allowed for the
internal reference buffer to charge the reference capacitor. Then,
to place the AD7475/ AD7495 in normal mode, a dummy cycle,
1 μs, should be initiated. If the first valid conversion is then
performed directly after the dummy conversion, ensure that
adequate acquisition time has been allowed. As mentioned
earlier, when powering up from the power-down mode, the part
returns to track upon the first SCLK edge applied after the
falling edge of CS. However, when the ADC powers up initially
after supplies are applied, the track-and-hold is already in track.
This means (assuming one has the facility to monitor the ADC
supply current) if the ADC powers up in the desired mode of
operation, and a dummy cycle is not required to change mode,
then neither is a dummy cycle required to place the track-and-
hold into track. If no current monitoring facility is available, the
relevant dummy cycle(s) should be performed to ensure the
part is in the required mode.
SCLK
SDATA
INVALID DATA
VALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
THE PART IS FULLY
POWERED UP
16
tPOWER-UP
CS
Figure 23. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com