Electronic Components Datasheet Search
  English  ▼

X  

AD7575 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5ms 8-Bit ADC with Track/Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices AD7575 Datasheet HTML 10Page - Analog Devices AD7575 Datasheet HTML 11Page - Analog Devices AD7575 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7575
–12–
REV. B
20-Terminal LCCC
(E-20A)
1
20
4
9
8
13
19
BOTTOM
VIEW
14
3
18
0.082
0.018
(2.085
0.455)
0.350
0.008
(8.89
0.20) SQ
0.020
45
(0.51
45 )
REF
0.040
45
(1.02
45 )
REF 3 PLCS
0.025
0.003
(0.635
0.075)
0.050
(1.27)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
18-Lead Plastic DIP
(N-18)
18
19
10
0.91 (23.12)
0.89 (22.61)
0.26 (6.61)
0.24 (6.10)
PIN 1
SEATING
PLANE
0.105 (2.67)
0.095 (2.42)
0.02 (0.508)
0.015 (0.381)
0.18
(4.58)
MAX
0.065 (1.66)
0.045 (1.15)
0.175 (4.45)
0.12 (3.05)
0.306 (7.78)
0.294 (7.47)
0.12 (0.305)
0.008 (0.203)
0.14 (3.56)
0.12 (3.05)
15
0
20-Lead PLCC
(P-20A)
3
PIN 1
IDENTIFIER
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
SQ
0.390
0.005
(9.905
0.125)
SQ
0.353
0.003
(8.966
0.076)
0.020
(0.51)
MAX
0.050
(1.27)
0.045
0.003
(1.143
0.076)
0.029
0.003
(0.737
0.076)
0.017
0.004
(0.432
0.101)
0.020
(0.51)
MIN
0.025
(0.64)
MIN
0.105
0.015
(2.665
0.375)
0.173
0.008
(4.388
0.185)
0.035
0.01
(0.89
0.25)
R
18-Lead Cerdip
(Q-18)
18
1
9
10
0.310 (7.874)
0.260 (6.604)
PIN 1
SEATING
PLANE
0.023 (0.584)
0.015 (0.381)
0.950 (24.13) MAX
0.070 (1.778)
0.030 (0.762)
0.200 (5.080)
0.125 (3.175)
0.060 (1.524)
0.015 (0.381)
0.180 (4.572)
0.140 (3.556)
0.110 (2.794)
0.090 (2.286)
0.320 (8.128)
0.290 (7.366)
0.015 (0.381)
0.008 (0.203)
0.400 (10.160)
0.330 (8.382)
18-Lead SOIC
(R-18)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
18
10
9
1
0.4625 (11.75)
0.4469 (11.35)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com