Electronic Components Datasheet Search
  English  ▼

X  

AD7688 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7688
Description  16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7688 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7688 Datasheet HTML 11Page - Analog Devices AD7688 Datasheet HTML 12Page - Analog Devices AD7688 Datasheet HTML 13Page - Analog Devices AD7688 Datasheet HTML 14Page - Analog Devices AD7688 Datasheet HTML 15Page - Analog Devices AD7688 Datasheet HTML 16Page - Analog Devices AD7688 Datasheet HTML 17Page - Analog Devices AD7688 Datasheet HTML 18Page - Analog Devices AD7688 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7688
Rev. A | Page 15 of 28
DRIVER AMPLIFIER CHOICE
Although the AD7688 is easy to drive, the driver amplifier
needs to meet the following requirements:
•
The noise generated by the driver amplifier needs to be
kept as low as possible in order to preserve the SNR and
transition noise performance of the AD7688. Note that the
AD7688 has a noise much lower than most of the other
16-bit ADCs and, therefore, can be driven by a noisier op
amp while preserving the same or better system perform-
ance. The noise coming from the driver is filtered by the
AD7688 analog input circuit 1-pole, low-pass filter made
by RIN and CIN or by the external filter, if one is used.
Because the typical noise of the AD7688 is 53 μV rms,
the SNR degradation due to the amplifier is
⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
+
=
−
2
2
)
(
2
π
5
53
20log
N
3dB
LOSS
Ne
f
SNR
3
where:
f–3dB is the input bandwidth in MHz of the AD7688
(9 MHz) or the cutoff frequency of the input filter, if one
is used.
N is the noise gain of the amplifier (for example, +1 in
buffer configuration).
eN is the equivalent input noise voltage of the op amp,
in nV/√Hz.
•
For ac applications, the driver should have a THD
performance commensurate with the AD7688. Figure 18
shows the THD vs. frequency that the driver should
exceed.
•
For multichannel multiplexed applications, the driver
amplifier and the AD7688 analog input circuit must settle
for a full-scale step onto the capacitor array at a 16-bit level
(0.0015%, 15 ppm). In the amplifier’s data sheet, settling at
0.1% to 0.01% is more commonly specified. This could
differ significantly from the settling time at a 16-bit level
and should be verified prior to driver selection.
Table 9. Recommended Driver Amplifiers
Amplifier
Typical Application
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8605, AD8615
5 V single-supply, low power
AD8519
Small, low power and low frequency
AD8031
High frequency and low power
SINGLE-TO-DIFFERENTIAL DRIVER
For applications using a single-ended analog signal, either
bipolar or unipolar, a single-ended-to-differential driver
allows for a differential input into the part. The schematic is
shown in Figure 30. When provided a single-ended input signal,
this configuration produces a differential ±VREF with midscale
at VREF/2.
U2
10k
Ω
590
Ω
AD7688
IN+
IN–
REF
U1
ANALOG INPUT
(
±10V, ±5V, ..)
590
Ω
10
μF
100nF
10k
Ω
VREF
VREF
590
Ω
100nF
VREF
Figure 30. Single-Ended-to-Differential Driver Circuit
VOLTAGE REFERENCE INPUT
The AD7688 voltage reference input, REF, has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins, as explained in the Layout section.
When REF is driven by a very low impedance source, for
example, a reference buffer using the AD8031 or the AD8605, a
10 μF (X5R, 0805 size) ceramic chip capacitor is appropriate for
optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 μF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using a low temperature drift ADR43x reference.
If desired, smaller reference decoupling capacitor values down
to 2.2 μF can be used with a minimal impact on performance,
especially DNL.
Regardless, there is no need for an additional lower value
ceramic decoupling capacitor (for example, 100 nF) between the
REF and GND pins.
POWER SUPPLY
The AD7688 is specified at 4.5 V to 5.5 V. It has, unlike other
low voltage converters, a low enough noise to design a 16-bit
resolution system with low supply and respectable performance.
It uses two power supply pins: a core supply VDD and a digital
input/output interface supply VIO. VIO allows direct interface
with any logic between 1.8 V and VDD. To reduce the supplies
needed, the VIO and VDD can be tied together. The AD7688 is
independent of power supply sequencing between VIO and
VDD. Additionally, it is very insensitive to power supply
variations over a wide frequency range, as shown in Figure 31,
which represents PSRR over frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com