Electronic Components Datasheet Search
  English  ▼

X  

AD7823 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7823
Description  2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7823 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7823 Datasheet HTML 3Page - Analog Devices AD7823 Datasheet HTML 4Page - Analog Devices AD7823 Datasheet HTML 5Page - Analog Devices AD7823 Datasheet HTML 6Page - Analog Devices AD7823 Datasheet HTML 7Page - Analog Devices AD7823 Datasheet HTML 8Page - Analog Devices AD7823 Datasheet HTML 9Page - Analog Devices AD7823 Datasheet HTML 10Page - Analog Devices AD7823 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD7823
–10–
REV. C
MICROPROCESSOR INTERFACING
The serial interface on the AD7823 allows the parts to be directly
connected to a range of many different microprocessors. This
section explains how to interface the AD7823 with some of the
more common microcontroller serial interface protocols.
AD7823 to PIC16C6x/7x
The PIC16C6x Synchronous Serial Port (SSP) is configured
as an SPI Master with the Clock Polarity Bit = 0. This is done
by writing to the Synchronous Serial Port Control Register
(SSPCON). See PIC16/17 Microcontroller User Manual. Figure
17 shows the hardware connections needed to interface to the
PIC16/PIC17. In this example I/O port RA1 is being used to
pulse
CONVST and enable the serial port of the AD7823.
SCLK
DOUT
SCK/RC3
SDO/RC5
RA1
AD7823*
PIC16C6x/7x*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 17. Interfacing to the PIC16/PIC17
AD7823 to MC68HC11
The Serial Peripheral Interface (SPI) on the MC68HC11 is
configured for Master Mode (MSTR = 0), Clock Polarity Bit
(CPOL) = 0, and the Clock Phase Bit (CPHA) = 1. The SPI is
configured by writing to the SPI Control Register (SPCR)—see
68HC11 User Manual. A connection diagram is shown in
Figure 18.
SCLK
DOUT
SCLK/PD4
MISO/PD2
PA0
AD7823*
MC68HC11*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 18. Interfacing to the MC68HC11
AD7823 to 8051
The AD7823 requires a clock synchronized to the serial data;
therefore, the 8051 serial interface must be operated in Mode 0.
In this mode serial data enters and exits through RXD, and a serial
clock is output on TXD (half duplex). Figure 19 shows how the
8051 is connected to the AD7823. Here, because the AD7823
shifts data out on the rising edge of the serial clock, the serial
clock must be inverted.
SCLK
DOUT
TXD
RXD
P1.1
AD7823*
8051*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 19. Interfacing to the 8051 Serial Port
It is possible to implement a serial interface using the data ports
on the 8051 (or any microcontroller). This would allow direct
interfacing between the AD7823 and 8051 to be implemented
without the need for any “gluing” logic. The technique involves
“bit banging” an I/O port (e.g., P1.0) to generate a serial clock
and using another I/O port (e.g., P1.1) to read in data, see
Figure 20.
SCLK
DOUT
P1.0
P1.1
P1.2
AD7823*
8051*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 20. Interfacing to the 8051 Using I/O Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com