Electronic Components Datasheet Search
  English  ▼

X  

AD7827 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 3 Page - Analog Devices

  AD7827 Datasheet HTML 1Page - Analog Devices AD7827 Datasheet HTML 2Page - Analog Devices AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD7827
TIMING CHARACTERISTICS1, 2 (V
REFIN/REFOUT = 2.5 V, all specifications –40 C to +105 C, unless otherwise noted)
Parameter
5 V
10%
3 V
10%
Units
Conditions/Comments
tCONVERT
420
420
ns max
Conversion Time.
t1
20
20
ns min
Minimum
CONVST Pulsewidth.
t2
tCONVERT+t3
tCONVERT+t3
ns min
Falling edge of
CONVST to falling edge of RFS.
tCONVERT+t3+t7+t8
tCONVERT+t3+t7+t8
ns max
t3
3
14
18
ns max
Rising edge of SCLK to falling edge of RFS.
t4
14
18
ns max
Rising edge of SCLK to rising edge of RFS.
t5
3
20
20
ns max
Rising edge of SCLK to high impedance disabled.
t6
3
14
18
ns max
Rising edge of SCLK to DOUT valid delay.
t7
25
25
ns min
Minimum high SCLK pulse duration.
t8
25
25
ns min
Minimum low SCLK pulse duration.
t9
4
20
20
ns min
Bus relinquish time after SCLK falling edge.
35
35
ns max
t10
20
20
ns max
Maximum delay from falling edge
CONVST to rising edge RFS if
RFS reset by
CONVST.
t11
30
30
ns min
Minimum time between end of serial read and next falling edge of
CONVST.
tPOWER-UP
11
µs max
Power-up time from rising edge of
CONVST using external 2.5 V
reference.
tPOWER-UP
25
25
µs max
Power-up time from rising edge of
CONVST using on-chip reference.
NOTES
1Sample tested to ensure compliance.
2See Figures 13, 14 and 15.
3Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V with V
DD = 5 V ± 10% and time required for an
output to cross 0.4 V or 2.0 V with VDD = 3 V ± 10%.
4Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 9, quoted in the timing characteristics is the true bus relinquish time of
the part and as such is independent of external bus loading capacitances.
Specifications subject to change without notice.
CL
50pF
TO
OUTPUT
PIN
IOL
IOH
200 A
200 A
+2.1V
Figure 1. Load Circuit for Digital Output Timing Specifications
Parameter
Version B
Units
Test Conditions/Comments
POWER SUPPLY
VDD
4.5
V min
5 V
± 10% For Specified Performance
5.5
V max
2.7
V min
3 V
± 10% For Specified Performance
3.3
V max
IDD
Normal Operation
10
mA max
8 mA Typically
Power-Down
1
µA max
Logic Inputs = 0 V or VDD
Power Dissipation
VDD = 3 V
Normal Operation
30
mW max
Typically 24 mW
Power-Down
200 kSPS
9.58
mW max
1 MSPS
47.88
mW max
NOTES
1See Terminology section of this data sheet.
2Refer to the Analog Input section for an explanation of the Analog Input(s).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com