Electronic Components Datasheet Search
  English  ▼

X  

AD7851 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7851 Datasheet HTML 3Page - Analog Devices AD7851 Datasheet HTML 4Page - Analog Devices AD7851 Datasheet HTML 5Page - Analog Devices AD7851 Datasheet HTML 6Page - Analog Devices AD7851 Datasheet HTML 7Page - Analog Devices AD7851 Datasheet HTML 8Page - Analog Devices AD7851 Datasheet HTML 9Page - Analog Devices AD7851 Datasheet HTML 10Page - Analog Devices AD7851 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
–7–
REV. B
AD7851
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, K Versions) . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
PDIP Package, Power Dissipation . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 105
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . .34.7°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . . 260
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θJA Thermal Impedance . . 75°C/W (SOIC), 122.28°C/W (SSOP)
θ
JC Thermal Impedance . . . 25
°C/W (SOIC), 31.25°C/W (SSOP)
PINOUT FOR DIP, SOIC, AND SSOP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD7851
TOP VIEW
(Not to Scale)
CONVST
BUSY
SLEEP
REFIN/REFOUT
AVDD
AGND
CREF1
CREF2
AIN(+)
AIN(–)
NC
AGND
SYNC
SCLK
CLKIN
DIN
DOUT
DGND
DVDD
CAL
SM2
SM1
POLARITY
AMODE
NC = NO CONNECT
ORDERING GUIDE
1
Linearity
Temperature
Error
Throughput
Throughput
Package
Model
Range
(LSB)
2
Rate (kSPS)
at 125 C (kSPS) Description
Options
3
AD7851AN
–40
°C to +85°C
±2
333
238
PDIP
N-24
AD7851KN
0
°C to 85°C
±1
285
238
PDIP
N-24
AD7851AR
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851AR-REEL
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851ARZ
3
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851ARZ-REEL
3
–40
°C to +85°C
±2
333
238
SOIC
R-24
AD7851KR
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KR-REEL
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KRZ
3
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851KRZ-REEL
3
0
°C to 85°C
±1
285
238
SOIC
R-24
AD7851ARS
–40
°C to +85°C
±2
333
238
SSOP
RS-24
AD7851ARS-REEL
–40
°C to +85°C
±2
333
238
SSOP
RS-24
EVAL-AD7851CB
4
Evaluation Board
EVAL-CONTROL BRD2
5
Controller Board
NOTES
1Both A and K Grades are guaranteed up to 125
°C, but at a lower throughput of 238 kHz (5 MHz).
2Linearity error refers to the integral linearity error.
3Z = Pb-free part.
4This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices, Inc. evaluation boards ending in the CB designators. To order a
complete evaluation kit, the particular ADC evaluation board needs to be ordered, e.g., EVAL-AD7851CB, the EVAL-CONTROL BRD2, and a 12 V ac trans-
former. See the Evaluation Board application note for more information.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7851 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com