Electronic Components Datasheet Search
  English  ▼

X  

AD7858ARZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7858ARZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858ARZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7858ARZ Datasheet HTML 19Page - Analog Devices AD7858ARZ Datasheet HTML 20Page - Analog Devices AD7858ARZ Datasheet HTML 21Page - Analog Devices AD7858ARZ Datasheet HTML 22Page - Analog Devices AD7858ARZ Datasheet HTML 23Page - Analog Devices AD7858ARZ Datasheet HTML 24Page - Analog Devices AD7858ARZ Datasheet HTML 25Page - Analog Devices AD7858ARZ Datasheet HTML 26Page - Analog Devices AD7858ARZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD7858/AD7858L
REV. B
–23–
The timing diagram for a system offset or system gain calibra-
tion is shown in Figure 30. Here again the
CAL is pulsed and
the rising edge of the
CAL initiates the calibration sequence (or
the calibration can be initiated in software by writing to the
control register). The rising edge of the
CAL causes the BUSY
line to go high and it will stay high until the calibration se-
quence is finished. The analog input should be set at the correct
level for a minimum setup time (tSETUP) of 100 ns before the rising
edge of
CAL and stay at the correct level until the BUSY signal
goes low.
CAL (I/P)
BUSY (O/P)
t1
AIN (I/P)
t15
tSETUP
tCAL2
VSYSTEM FULL SCALE OR VSYSTEM OFFSET
Figure 30. Timing Diagram for System Gain or System
Offset Calibration
SERIAL INTERFACE SUMMARY
Table IX details the two interface modes and the serial clock
edges from which the data is clocked out by the AD7858/
AD7858L (DOUT Edge) and that the data is latched in on
(DIN Edge).
In both interface Modes 1 and 2 the
SYNC is gated with the
SCLK. Thus the
SYNC
↓ may clock out the MSB of data. Sub-
sequent bits will be clocked out by the Serial Clock, SCLK. The
condition for the
SYNC
↓ clocking out the MSB of data is as
follows:
The falling edge of
SYNC will clock out the MSB if the serial clock
is low when the
SYNC goes low.
If this condition is not the case, the SCLK will clock out the
MSB. If a noncontinuous SCLK is used, it should idle high.
Table IX. SCLK Active Edges
Interface Mode
Edge
DOUT Edge
DIN
1, 2
SCLK
↓
SCLK
↑
Resetting the Serial Interface
When writing to the part via the DIN line there is the possibility
of writing data into the incorrect registers, such as the test regis-
ter for instance, or writing the incorrect data and corrupting the
serial interface. The
SYNC pin acts as a reset. Bringing the
SYNC pin high resets the internal shift register. The first data
bit after the next
SYNC falling edge will now be the first bit of a
new 16-bit transfer. It is also possible that the test register con-
tents were altered when the interface was lost. Therefore, once
the serial interface is reset it may be necessary to write the 16-bit
word 0100 0000 0000 0010 to restore the test register to its
default value. Now the part and serial interface are completely
reset. It is always useful to retain the ability to program the
SYNC line from a port of the
µController/DSP to have the
ability to reset the serial interface.
Table X summarizes the interface modes provided by the
AD7858/AD7858L. It also outlines the various
µP/µC to which
the particular interface is suited.
Interface Mode 1 may only be set by programming the control
register (see section on Control Register).
Some of the more popular
µProcessors, µControllers, and the
DSP machines that the AD7858/AD7858L will interface to
directly are mentioned here. This does not cover all
µCs, µPs,
and DSPs. A more detailed timing description on each of the
interface modes follows.
Table X. Interface Mode Description
Interface
Processor/
Mode
Controller
Comment
1
8XC51
(2-Wire)
8XL51
(DIN Is an Input/
PIC17C42
Output Pin)
2
68HC11
(3-Wire, SPI)
68L11
(Default Mode)
68HC16
PIC16C64
ADSP21xx
DSP56000
DSP56001
DSP56002
DSP56L002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com