Electronic Components Datasheet Search
  English  ▼

X  

AD7858 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7858
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7858 Datasheet HTML 15Page - Analog Devices AD7858 Datasheet HTML 16Page - Analog Devices AD7858 Datasheet HTML 17Page - Analog Devices AD7858 Datasheet HTML 18Page - Analog Devices AD7858 Datasheet HTML 19Page - Analog Devices AD7858 Datasheet HTML 20Page - Analog Devices AD7858 Datasheet HTML 21Page - Analog Devices AD7858 Datasheet HTML 22Page - Analog Devices AD7858 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7858/AD7858L
REV. B
–19–
Table VI. Power Management Options
PMGT1 PMGT0
SLEEP
Bit
Bit
Pin
Comment
00
0
Full Power-Down if Not
Calibrating or Converting
(Default Condition
After Power-On)
00
1
Normal Operation
01
X
Normal Operation
(Independent of the
SLEEP Pin)
10
X
Full Power-Down
11
X
Partial Power-Down if Not
Converting
A typical connection diagram for a low power application is
shown in Figure 21 (AD7858L is the low power version of the
AD7858).
AUTO POWER
DOWN AFTER
CONVERSION
AUTO CAL
ON
POWER-UP
OPTIONAL
EXTERNAL
REFERENCE
1.8MHz
OSCILLATOR
MASTER
CLOCK
INPUT
0.1 F
0.1 F
10 F
ANALOG
SUPPLY
+3V
0V TO 2.5V
INPUT
0.1 F
0.01 F
0.01 F
0.1 F
INTERNAL
REFERENCE
100kHz
PULSE
GENERATOR
CONVERSION
START INPUT
SERIAL CLOCK
INPUT
SERIAL DATA
OUTPUT
CLKIN
SCLK
CONVST
SYNC
DIN
DOUT
DGND
AGND
CAL
SLEEP
CREF2
CREF1
AIN(–)
AIN(+)
AVDD DVDD
AD7858/
AD7858L
LOW
POWER
C/ P
CURRENT,
I = 1.5mA
TYP
SERIAL DATA
INPUT
REFIN /REFOUT
REF192
Figure 21. Typical Low Power Circuit
POWER-UP TIMES
Using an External Reference
When the AD7858 is powered up, the part is powered up from
one of two conditions. First, when the power supplies are ini-
tially powered up and, secondly, when the part is powered up
from either a hardware or software power-down (see last section).
When AVDD and DVDD are powered up, the AD7858 should be
left idle for approximately 32 ms (4 MHz CLK) to allow for the
autocalibration if a 10 nF cap is placed on the
CAL pin, (see
Calibration section). During power-up the functionality of the
SLEEP pin is disabled, i.e., the part will not power down until
the end of the calibration if
SLEEP is tied logic low. The auto-
calibration on power-up can be disabled if the
CAL pin is tied to
a logic high. If the autocalibration is disabled, then the user must
take into account the time required by the AD7858 to power-up
before a self-calibration is carried out. This power-up time is the
time taken for the AD7858 to power up when power is first
applied (300
µs) typ) or the time it takes the external reference
to settle to the 12-bit level–whichever is the longer.
The AD7858 powers up from a full hardware or software
power-down in 5
µs typ. This limits the throughput which the
part is capable of to 104 kSPS for the AD7858 operating with a
4 MHz CLK and 66 kSPS for the AD7858L with a 1.8 MHz
CLK when powering down between conversions. Figure 22
shows how power-down between conversions is implemented
using the
CONVST pin. The user first selects the power-down
between conversions option by using the
SLEEP pin and the
power management bits, PMGT1 and PMGT0, in the control
register, (see last section). In this mode the AD7858 automati-
cally enters a full power-down at the end of a conversion, i.e.,
when BUSY goes low. The falling edge of the next
CONVST
pulse causes the part to power up. Assuming the external refer-
ence is left powered up, the AD7858 should be ready for normal
operation 5
µs after this falling edge. The rising edge of CONVST
initiates a conversion so the
CONVST pulse should be at least
5
µs wide. The part automatically powers down on completion
of the conversion.
5 s
tCONVERT
POWER-UP
TIME
NORMAL
OPERATION
FULL
POWER-DOWN
POWER-UP
TIME
START CONVERSION ON RISING EDGE
POWER-UP ON FALLING EDGE
CONVST
BUSY
Figure 22. Power-Up Timing When Using
CONVST Pin
NOTE: Where the software CONVST is used or automatic full
power-down, the part must be powered up in software with an
extra write setting PMGT1 = 0 and PMGT0 = 1 before a con-
version is initiated in the next write. Automatic partial power-
down after a calibration is not possible; the part must be
powered down manually. If software calibrations are to be used
when operating in the partial power-down mode, then three
separate writes are required. The first initiates the type of cali-
bration required, the second write powers the part down into
partial power-down mode, while the third write powers the part
up again before the next calibration command is issued.
Using the Internal (On-Chip) Reference
As in the case of an external reference, the AD7858 can power-
up from one of two conditions, power-up after the supplies are
connected or power-up from hardware/software power-down.
When using the on-chip reference and powering up when AVDD
and DVDD are first connected, it is recommended that the power-
up calibration mode be disabled as explained above. When using
the on-chip reference, the power-up time is effectively the time
it takes to charge up the external capacitor on the REFIN/REFOUT
pin. This time is given by the equation:
tUP = 9
× R × C
where R
≅ 150 kΩ and C = external capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com