Electronic Components Datasheet Search
  English  ▼

X  

AD7858LAN3 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7858LAN3
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LAN3 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7858LAN3 Datasheet HTML 20Page - Analog Devices AD7858LAN3 Datasheet HTML 21Page - Analog Devices AD7858LAN3 Datasheet HTML 22Page - Analog Devices AD7858LAN3 Datasheet HTML 23Page - Analog Devices AD7858LAN3 Datasheet HTML 24Page - Analog Devices AD7858LAN3 Datasheet HTML 25Page - Analog Devices AD7858LAN3 Datasheet HTML 26Page - Analog Devices AD7858LAN3 Datasheet HTML 27Page - Analog Devices AD7858LAN3 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. B
–24–
AD7858/AD7858L
DETAILED TIMING SECTION
Mode 1 (2-Wire 8051 Interface)
The read and writing takes place on the DIN line and the con-
version is initiated by pulsing the
CONVST pin (note that in
every write cycle the 2/
3 MODE bit must be set to 1). The
conversion may be started by setting the CONVST bit in the
control register to 1 instead of using the
CONVST pin.
Below in Figure 31 and in Figure 32 are the timing diagrams for
Operating Mode 1 in Table X where we are in the 2-wire inter-
face mode. Here the DIN pin is used for both input and output
as shown. The
SYNC input is level triggered active low and can
be pulsed (Figure 31) or can be constantly low (Figure 32).
In Figure 31 the part samples the input data on the rising edge
of SCLK. After the 16th rising edge of SCLK the DIN is con-
figured as an output. When the
SYNC is taken high the DIN is
three-stated. Taking
SYNC low disables the three-state on the
DIN pin and the first SCLK falling edge clocks out the first data
bit. Once the 16 clocks have been provided the DIN pin will
automatically revert back to an input after a time, t14. Note that
a continuous SCLK shown by the dotted waveform in Figure 35
can be used provided that the
SYNC is low for only 16 clock
pulses in each of the read and write cycles.
In Figure 32 the
SYNC line is tied low permanently and this
results in a different timing arrangement. With
SYNC tied low
permanently the DIN pin will never be three-stated. The 16th
rising edge of SCLK configures the DIN pin as an input or an
output as shown in the diagram. Here no more than 16 SCLK
pulses must occur for each of the read and write operations.
If reading from and writing to the calibration registers in this
interface mode, all the selected calibration registers must be
read from or written to. The read and write operations cannot
be aborted. When reading from the calibration registers, the
DIN pin will remain as an output for the full duration of all the
calibration register read operations. When writing to the calibra-
tion registers, the DIN pin will remain as an input for the full
duration of all the calibration register write operations.
t3 = –0.4tSCLK MIN (NONCONTINUOUS SCLK) 0.4tSCLK ns MIN/MAX (CONTINUOUS SCLK),
t6 = 75/115ns MAX (5V/3V), t7 = 40/60ns MIN (5V/3V), t8 = 20/30ns MIN (5V/3V)
POLARITY PIN LOGIC HIGH
SYNC (I/P)
SCLK (I/P)
DIN (I/O)
t3
t11
t3
t11
16
1
16
1
t12
t8
t6
t6
t5
t14
DIN BECOMES AN OUTPUT
DIN BECOMES AN INPUT
DB15
DB0
DB15
DB0
THREE-STATE
DATA READ
DATA WRITE
t7
Figure 31. Timing Diagram for Read/Write Operation with DIN as an Input/Output
(i.e., Mode 1)
t6 = 75/115ns MAX (5V/3V), t7 = 40/60ns MIN (5V/3V), t8 = 20/30ns MIN (5V/3V),
t13 = 90/130ns MAX (5V/3V), t14 = 50/90ns MIN (5V/3V)
POLARITY PIN LOGIC HIGH
SCLK (I/P)
DIN (I/O)
16
1
16
1
t13
t8
t6
t6
t14
DIN BECOMES AN INPUT
DB15
DB0
DB15
DB0
6
t7
DATA WRITE
DATA READ
Figure 32. Timing Diagram for Read/Write Operation with DIN as an Input/Output
and SYNC Input Tied Low (i.e., Interface Mode 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com