Electronic Components Datasheet Search
  English  ▼

X  

AD7873 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7873
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7873 Datasheet HTML 9Page - Analog Devices AD7873 Datasheet HTML 10Page - Analog Devices AD7873 Datasheet HTML 11Page - Analog Devices AD7873 Datasheet HTML 12Page - Analog Devices AD7873 Datasheet HTML 13Page - Analog Devices AD7873 Datasheet HTML 14Page - Analog Devices AD7873 Datasheet HTML 15Page - Analog Devices AD7873 Datasheet HTML 16Page - Analog Devices AD7873 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 12 of 28
Figure 23. AC PSRR vs. Supply Ripple Frequency
Figure 23 shows the power supply rejection ratio vs. VDD supply
frequency for the AD7873. The power supply rejection ratio is
defined as the ratio of the power in the ADC output at full-scale
frequency, f, to the power of a 100 mV sine wave applied to the
ADC VCC supply of frequency fS
PSSR (dB) = 10log(Pf/Pfs)
where:
Pf is power at frequency, f, in ADC output.
Pfs is power at frequency, fs, coupled onto the ADC VCC supply.
Here a 100 mV p-p sine wave is coupled onto the VCC supply.
Decoupling capacitors of 10 µF and 0.1 µF were used on the supply.
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
90
100
VCC RIPPLE FREQUENCY (kHz)
VCC = 3V
100mV p-p SINE WAVE ON +VCC
VREF = 2.5V EXT REFERENCE
fSAMPLE = 125kHz, fIN = 20kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com