Electronic Components Datasheet Search
  English  ▼

X  

AD7943 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7943
Description  3.3 V/5 V Multiplying 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7943 Datasheet HTML 8Page - Analog Devices AD7943 Datasheet HTML 9Page - Analog Devices AD7943 Datasheet HTML 10Page - Analog Devices AD7943 Datasheet HTML 11Page - Analog Devices AD7943 Datasheet HTML 12Page - Analog Devices AD7943 Datasheet HTML 13Page - Analog Devices AD7943 Datasheet HTML 14Page - Analog Devices AD7943 Datasheet HTML 15Page - Analog Devices AD7943 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–15–
MICROPROCESSOR INTERFACING
AD7943 to ADSP-2101 Interface
Figure 17 shows the AD7943 to ADSP-2101 interface diagram.
The DSP is set up for alternate inverted framing with an inter-
nally generated SCLK. TFS from the ADSP-2101 drives the
STB1 input on the AD7943. The serial word length should be
set at 12. This is done by making SLEN = 11 (1011 binary).
The SLEN field is Bits 3–0 in the SPORT control register
(0x3FF6 for SPORT0 and 0x3FF2 for SPORT1).
With the 16 MHz version of the ADSP-2101, the maximum
output SCLK is 8 MHz. The AD7943 setup and hold time of
10 ns and 25 ns mean that it is compatible with the DSP when
running at this speed.
The OUTPUT FLAG drives both
LD1 and LD2 and is brought
low to update the DAC register and change the analog output.
ADSP-2101
AD7943
STB4
STB2
+5V
TFS
SCLK
DT
OUTPUT FLAG
CLR
STB3
LD1
LD2
STB1
SRI
Figure 17. AD7943 to ADSP-2101 Interface
AD7943 to DSP56001 Interface
Figure 18 shows the interface diagram for the AD7943 to the
DSP56001. The DSP56001 is configured for normal mode
synchronous operation with gated clock. The serial clock, SCK,
is set up as an output from the DSP and the serial word length
is set for 12 bits (WL0 = 1, WL1 = 0, in Control Register A).
SCK from the DSP56001 is applied to the AD7943
STB3 in-
put. Data from the DSP56000 is valid on the falling edge of
SCK and this is the edge which clocks the data into the AD7943
shift register. STB1, STB2 and STB4 are tied low on the
AD7943 to permanently enable the
STB3 input.
When the 12-bit serial word has been written to the AD7943,
the
LD1, LD2 inputs are brought low to update the DAC
register.
DSP56001
AD7943
STB4
STB2
STB1
+5V
SCK
STD
OUTPUT FLAG
CLR
STB3
LD1
LD2
SRI
Figure 18. AD7943 to DSP56001 Interface
AD7945 to MC68000 Interface
Figure 19 shows the MC68000 interface to the AD7945. The
appropriate data is written into the DAC in one MOVE instruc-
tion to the appropriate memory location.
MC68000
ADDRESS
DECODE
AD7945
CS
WR
DB11 – DB0
A1 – A23
AS
DTACK
R/
W
D15 – D0
Figure 19. AD7945 to MC68000 Interface
AD7948 to Z80 Interface
Figure 20 is the interface between the AD7948 and the 8-bit
bus of the Z80 processor. Three write operations are needed to
load the DAC. The first two load the MS byte and the LS byte
and the third brings the
LDAC low to update the output.
Z80
ADDRESS
DECODE
AD7948
CSMSB
WR
DB7 – DB0
A0 – A15
MREQ
WR
D7 – D0
CSLSB
LDAC
ADDRESS BUS
DATA BUS
Figure 20. AD7948 to Z80 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com