Electronic Components Datasheet Search
  English  ▼

X  

AD7943BN Datasheet(PDF) 2 Page - Analog Devices

Part # AD7943BN
Description  3.3 V/5 V Multiplying 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943BN Datasheet(HTML) 2 Page - Analog Devices

  AD7943BN Datasheet HTML 1Page - Analog Devices AD7943BN Datasheet HTML 2Page - Analog Devices AD7943BN Datasheet HTML 3Page - Analog Devices AD7943BN Datasheet HTML 4Page - Analog Devices AD7943BN Datasheet HTML 5Page - Analog Devices AD7943BN Datasheet HTML 6Page - Analog Devices AD7943BN Datasheet HTML 7Page - Analog Devices AD7943BN Datasheet HTML 8Page - Analog Devices AD7943BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD7943/AD7945/AD7948–SPECIFICATIONS1
Parameter
B Grades
2
T Grade
2, 3
Units
Test Conditions/Comments
ACCURACY
Resolution
12
12
Bits
1 LSB = VREF/2
12 = 2.44 mV when V
REF =10 V
Relative Accuracy
±0.5
±0.5
LSB max
Differential Nonlinearity
±0.5
±0.5
LSB max
All Grades Guaranteed Monotonic over
Temperature
Gain Error
TMIN to TMAX
±2
±2
LSB max
Gain Temperature Coefficient
4
2
2
ppm FSR/
°C typ
5
5
ppm FSR/
°C max
Output Leakage Current
IOUT1
@ +25
°C
10
10
nA max
See Terminology Section
TMIN to TMAX
100
100
nA max
Typically 20 nA over Temperature
REFERENCE INPUT
Input Resistance
6
6
k
Ω min
Typical Input Resistance = 9 k
Ω
12
12
k
Ω max
DIGITAL INPUTS
VINH, Input High Voltage
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
V max
IINH, Input Current
±1
±1
µA max
CIN, Input Capacitance
4
10
10
pF max
DIGITAL OUTPUT (AD7943 SRO)
For 1 CMOS Load
Output Low Voltage (VOL)
0.2
0.2
V max
Output High Voltage (VOH)VDD – 0.2
VDD – 0.2
V min
POWER REQUIREMENTS
VDD Range
4.5/5.5
4.5/5.5
V min/V max
Power Supply Sensitivity
4
∆Gain/∆V
DD
–75
–75
dB typ
IDD (AD7943)
5
5
µA max
VINH = VDD – 0.1 V min, VINL = 0.1 V max.
SRO Open Circuit. No STB Signal. Typically
1
µA. Typically 100 µA with a 1 MHz STB
Frequency. At Input Levels of 0.8 V and 2.4 V,
IDD Is Typically 2.5 mA.
IDD (AD7945, AD7948)
5
5
µA max
VINH = VDD – 0.1 V min, VINL = 0.1 V max.
Typically 1
µA. At Input Levels of 0.8 V and
2.4 V, IDD Is Typically 2.5 mA.
NOTES
1The AD7943, AD7945 and AD7948 are specified in the normal current mode configuration and in the biased current mode for single-supply applications.
Figures 14 and 15 are examples of normal mode operation.
2Temperature ranges as follows: B Grades: –40
°C to +85°C; T Grade: –55°C to +125°C.
3The T Grade applies to the AD7945 only.
4Guaranteed by design.
Specifications subject to change without notice.
NORMAL MODE (AD7943: VDD = +4.5 V to +5.5 V; VIOUT1 = VIOUT2 = AGND = 0 V; VREF = +10 V; TA = TMIN to TMAX, unless otherwise noted.
AD7945, AD7948: VDD = +4.5 V to +5.5 V; VIOUT1 = AGND = 0 V; VREF = +10 V; TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com