Electronic Components Datasheet Search
  English  ▼

X  

AD7865AS-3 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7865AS-3
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7865AS-3 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7865AS-3 Datasheet HTML 11Page - Analog Devices AD7865AS-3 Datasheet HTML 12Page - Analog Devices AD7865AS-3 Datasheet HTML 13Page - Analog Devices AD7865AS-3 Datasheet HTML 14Page - Analog Devices AD7865AS-3 Datasheet HTML 15Page - Analog Devices AD7865AS-3 Datasheet HTML 16Page - Analog Devices AD7865AS-3 Datasheet HTML 17Page - Analog Devices AD7865AS-3 Datasheet HTML 18Page - Analog Devices AD7865AS-3 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
REV. B
AD7865
–15–
When operating the AD7865 in a standby mode between con-
versions, the power savings can be significant. For example,
with a throughput rate of 10 kSPS and external reference, the
AD7865 will be powered up 11
µs out of every 100 µs (1 µs for
wake-up time and 9.6
µs to convert four channels. Therefore,
the average power consumption drops to (115 mW
× 10.6%) or
12.2 mW approximately.
OFFSET AND FULL-SCALE ADJUSTMENT
In most Digital Signal Processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Invariably, some applications will require
that the input signal span the full analog input dynamic range.
In such applications, offset and full-scale error will have to be
adjusted to zero.
Figure 13 shows a typical circuit that can be used to adjust the
offset and full-scale errors on the AD7865 (V1 on the AD7865-1
version is shown for example purposes only). Where adjustment
is required, offset error must be adjusted before full-scale error.
This is achieved by trimming the offset of the op amp driving
the analog input of the AD7865 while the input voltage is
1/2 LSB below analog ground. The trim procedure is as follows:
apply a voltage of –610
µV (–1/2 LSB) at V1 and adjust the op
amp offset voltage until the ADC output code flickers between
1111 1111 1111 and 0000 0000 0000.
Gain error can be adjusted at either the first code transition
(ADC negative full scale) or the last code transition (ADC posi-
tive full scale). The trim procedures for both cases are as follows.
V1
R1
10k
R2
500
R3
10k
AGND
AD7865*
*ADDITIONAL PINS OMITTED FOR CLARITY
INPUT
RANGE =
10V
R5
10k
VINxA
R4
10k
Figure 13. Full-Scale Adjust Circuit
Positive Full-Scale Adjust
Apply a voltage of 9.9982 V (FS/2 – 3/2 LSB) at V1. Adjust R2
until the ADC output code flickers between 01 1111 1111 1110
and 01 1111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –9.9998 V (–FS + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 10 0000 0000
0000 and 10 0000 0000 0001.
An alternative scheme for adjusting full-scale error in systems
that use an external reference is to adjust the voltage at the VREF
pin until the full-scale error for any of the channels is adjusted
out. The good full-scale matching of the channels will ensure
small full-scale errors on the other channels.
DYNAMIC SPECIFICATIONS
The AD7865 is specified and 100% tested for dynamic perfor-
mance specifications as well as traditional dc specifications such
as Integral and Differential Nonlinearity. These ac specifications
are required for such signal processing applications as phased array
sonar, adaptive filters and spectrum analysis. These applications
require information on the ADC’s effect on the spectral content
of the input signal. Hence, the parameters for which the AD7865
is specified include SNR, harmonic distortion, intermodulation
distortion and peak harmonics. These terms are discussed in
more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fS/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical signal to noise ratio for a sine wave input is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits.
Thus for an ideal 14-bit converter, SNR = 86.04 dB.
Figure 14 shows a histogram plot for 8192 conversions of a dc
input using the AD7865 with 5 V supply. The analog input was
set at the center of a code transition. It can be seen that most of
the codes appear in the one output bin, indicating very good
noise performance from the ADC.
CONVST
BUSY
STBY
100 s
IDD = 3 A
tBUSY
t
WAKEUP
tBUSY
7 s
Figure 12. Power-Down between Conversion Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com